Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD Datasheet(PDF) 5 Page - ABLIC Inc.

Part # FU008-A-R-SD
Description  AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD Datasheet(HTML) 5 Page - ABLIC Inc.

  FU008-A-R-SD Datasheet HTML 1Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 2Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 3Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 4Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 5Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 6Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 7Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 8Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
CONVENIENCE TIMER
AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
Rev.2.1_00
S-35710M A Series
5
Pin Functions
1. SDA (I/O for serial data) pin
This is a data input / output pin for I2C-bus interface. The SDA pin inputs / outputs data by synchronizing with a clock
pulse from the SCL pin. This pin has CMOS input and Nch open-drain output. Generally in use, the SDA pin is pulled
up to VDD potential via a resistor, and is used with wired-OR connection of other device of Nch open-drain output or
open collector output.
2. SCL (Input for serial clock) pin
This is a clock input pin for I2C-bus interface. The SDA pin inputs / outputs data by synchronizing with this clock pulse.
3. RST
_______
(Input for reset signal) pin
This pin inputs the reset signal. The timer is reset when inputting "L" to the RST
_______
pin, and the timer starts the
operation when inputting "H". The RST
_______
pin has a built-in chattering elimination circuit. Regarding the chatterging
elimination circuit, refer to " RST
_______
Pin".
Besides, the RST
_______
pin has a pull-up resistor.
4. INT (Output for interrupt signal) pin
This pin outputs an interrupt signal. The interrupt signal is output when the time written to the wake-up time register
comes. Regarding the operation of the interrupt signal output, refer to " INT Pin Interrupt Signal Output".
Besides, the INT pin output form is CMOS output.
5. VDD (Positive power supply) pin
Connect this pin with a positive power supply. Regarding the values of voltage to be applied, refer to
" Recommended Operation Conditions".
6. VSS pin
Connect this pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com