Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD Datasheet(PDF) 16 Page - ABLIC Inc.

Part # FU008-A-R-SD
Description  AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD Datasheet(HTML) 16 Page - ABLIC Inc.

Back Button FU008-A-R-SD Datasheet HTML 12Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 13Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 14Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 15Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 16Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 17Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 18Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 19Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 20Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
CONVENIENCE TIMER
AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
S-35710M A Series
Rev.2.1_00
16
5. Read operation of time register
Transmit the start condition and slave address from the master device. The slave address of the S-35710M is
specified to "0110010". Next, the data of the time register can be read when the read / write bit is "1".
The 2nd byte to the 4th byte are used as the time register. Each byte from B7 is transmitted.
When the read operation of the time register is finished, transmit "1" (NO_ACK) to the acknowledge after B0 is output
from the master device, and then transmit the stop condition.
The time register is a 3-byte register. "1" is read if the read operation is performed continuously after reading 3 bytes of
the time register. Regarding the time register, refer to " Configuration of Registers".
1
18
9
27
36
0
Slave address
(0110010)
Take in the counter value at this timing and transmit it as a serial data.
Input NO_ACK after the 3rd byte data is transmitted.
Time register (3-byte)
: Master device input data
: S-35710M output data
11
B7
00 1
1
0
B1 R/W
B7
B0
B7
B7
B0
B0
SCL
SDA
Figure 18 Read Timing of Time Register
6. Write operation of wake-up time register
Transmit the start condition and slave address from the master device. The slave address of the S-35710M is
specified to "0110010". Next, transmit "0" to the read / write bit.
Transmit the 2nd byte data. Set B7 to "1" since it is an address pointer. Set B6 to B1 to "0" or "1" since they are dummy
data. Make sure to set B0 to "1" since it is a test bit.
The 3rd byte to the 5th byte are used as the wake-up time register.
Transmit the stop condition from the master device to finish the access operation.
Regarding the wake-up time register, refer to " Configuration of Registers".
Write operation of the wake-up time register is performed each byte, so transmit the data in 3-byte unit. Note that the
S-35710M may not operate as desired if the the data is not transmitted in 3-byte unit.
1
9
18
27
36
45
SCL
WU[7:0]
Write timing
WU[15:8]
Write timing
WU[23:16]
Write timing
1
0
0
1
0
0
1
1
0
B1R/W
B7
B0
B7
B0
B7
B0
B7
B0
B7
1
SDA
Wake-up time register (3-byte)
Dummy data
*1
Slave address
(0110010)
Make sure to set B0 to "1" since it is a test bit.
Set B7 as an address pointer.
*1. Set B6 to B1 to "0" or "1" since they are dummy data.
: S-35710M output data
: Master device input data
Figure 19 Write Timing of Wake-up Time Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com