Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD Datasheet(PDF) 4 Page - ABLIC Inc.

Part # FU008-A-R-SD
Description  AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD Datasheet(HTML) 4 Page - ABLIC Inc.

  FU008-A-R-SD Datasheet HTML 1Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 2Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 3Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 4Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 5Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 6Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 7Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 8Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
CONVENIENCE TIMER
AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
S-35710M A Series
Rev.2.1_00
4
Pin Configuration
1. HSOP-8Q
8
5
6
7
1
4
3
2
Bottom view
Top view
1
4
3
2
8
5
6
7
*1
Figure 2
Table 2 List of Pins
Pin No.
Symbol
Description
I/O
Configuration
1
SCL
Input pin for
serial clock
Input
CMOS input
2
VDD
Pin for positive
power supply
−
−
3
RST
_______
Input pin for
reset signal
Input
CMOS input
(With pull-up resistor)
4
NC*2
No connection
−
−
5
NC*2
No connection
−
−
6
VSS
GND pin
−
−
7
INT
Output pin for
interrupt signal
Output
CMOS output
8
SDA
I/O pin for serial
data
Bi-directional
Nch open-drain output,
CMOS input
*1.
Connect the heat sink of backside at shadowed area to the board, and set electric potential GND.
However, do not use it as the function of electrode.
*2.
The NC pin is electrically open.
Therefore, leave it open or connect it to the VDD pin or the VSS pin.
Caution
Do not place a wiring on the backside of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com