Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # RZ/A
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button RZ/A Datasheet HTML 25Page - Renesas Technology Corp RZ/A Datasheet HTML 26Page - Renesas Technology Corp RZ/A Datasheet HTML 27Page - Renesas Technology Corp RZ/A Datasheet HTML 28Page - Renesas Technology Corp RZ/A Datasheet HTML 29Page - Renesas Technology Corp RZ/A Datasheet HTML 30Page - Renesas Technology Corp RZ/A Datasheet HTML 31Page - Renesas Technology Corp RZ/A Datasheet HTML 32Page - Renesas Technology Corp RZ/A Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 29 of 83
Jul 28, 2022
Table 2.2
List of Pin Function Selection Used on Each Module Board (5/18)
Pin
Location
Pin Name
RZ/G2UL
Pin Function
RZ/A3UL
Pin Function
RZ/Five
Pin Function
Description
SMARC
Pin No.
SMARC
Pin Name
A3
OM_SIO5
NC
OM_SIO5
P24_3
OctaFlash (IC2) and OctaRAM (IC3)
Note: Unused in case of
RZ/G2UL
—
—
B3
OM_SIO6
NC
OM_SIO6
P24_4
OctaFlash (IC2) and OctaRAM (IC3)
Note: Unused in case of
RZ/G2UL
—
—
A2
OM_SIO7
NC
OM_SIO7
P24_5
OctaFlash (IC2) and OctaRAM (IC3)
Note: Unused in case of
RZ/G2UL
—
—
F14
OTP_VDD18
OTP_VDD18
OTP_VDD18
NC
1.8V
Note: Unused in case of
RZ/Five
—
—
B1
P0_0/SD0_CD/
RIIC3_SDA/
MTIOC2A/
SCI0_TXD
P0_0/SD0_CD
P0_0/SD0_CD
P0_0/SD0_CD
Card Detection
High: No card, Low: Card insertd
Connected to microSD card slot
(CN3) for SD0
Note: Only available
when SW_SD0_DEV
_SEL(SW1-2) is
disabled else this is
used for GPIO0
P108
GPIO0
C2
P0_1/SD0_WP/
RIIC3_SCL/
MTIOC2B/
SCI0_RXD
P0_1
P0_1
P0_1
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1), used as
CAM1_RST#
P111
GPIO3
D3
P0_2/SD1_CD/
MTIOC1A/
RIIC2_SDA/IRQ0
SD1_CD
SD1_CD
SD1_CD
Card Detection
High: No card, Low: Card inserted
Carrier Board Connector, connected
to microSD card slot (CN10) for SD1
P35
SDIO_
CD#
C3
P0_3/SD1_WP/
MTIOC1B/
RIIC2_SCL/IRQ1
P0_3
P0_3
P0_3
Enables power to the uSD Card
Carrier Board Connector, connected
to microSD card slot (CN10) for SD1
Driven from the Reset signal due to
limited SoC IO
P37
SDIO_
PWR_EN
P1
P4_5/
ET0_LINKSTA/
MTIOC3D
P4_5/
ET0_LINKSTA
P4_5/
ET0_LINKSTA
P4_5/
ET0_LINKSTA
Ethernet PHY_0 (IC22)
Carrier Board Connector, connected
to PMOD1 connector (J2)
P119
GPIO11
T3
P4_3/ET0_MDC/
RSPI1_SSL/
MTIOC8D/
MTIOC3B
RSPI1_SSL/
ET0_MDC
RSPI1_SSL/
ET0_MDC
RSPI1_SSL/
ET0_MDC
Ethernet PHY_0 (IC22)
Carrier Board Connector, connected
to PMOD0 connector (J1)
P54
SPI_CS0#
T2
P4_4/ET0_MDIO/
MTIOC3C
P4_4/ET0_MDIO P4_4/ET0_MDIO P4_4/ET0_MDIO Ethernet PHY_0 (IC22)
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1), used as
CAM1_PWR#
P109
GPIO1
N1
P3_1/
ET0_RX_CTL/
RX_DV/
SSI1_RCK/
POE4#/MTIOC0B
SSI1_RCK/
ET0_RX_CTL/
RX_DV
SSI1_RCK/
ET0_RX_CTL/
RX_DV
SSI1_RCK/
ET0_RX_CTL/
RX_DV
Ethernet PHY_0 (IC22)
Carrier Board Connector, connected
to PMOD0 connector (J1)
S39
I2S0_LRCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com