Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # RZ/A
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button RZ/A Datasheet HTML 47Page - Renesas Technology Corp RZ/A Datasheet HTML 48Page - Renesas Technology Corp RZ/A Datasheet HTML 49Page - Renesas Technology Corp RZ/A Datasheet HTML 50Page - Renesas Technology Corp RZ/A Datasheet HTML 51Page - Renesas Technology Corp RZ/A Datasheet HTML 52Page - Renesas Technology Corp RZ/A Datasheet HTML 53Page - Renesas Technology Corp RZ/A Datasheet HTML 54Page - Renesas Technology Corp RZ/A Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 51 of 83
Jul 28, 2022
2.8
Power Supply Configuration
Figure 2.9 shows a block diagram of power configuration for the RTK9743U11S01000BE (Evaluation board Kit for
RZ/G2UL MPU).
This board has one USB Type-C receptacle for power input with USB Power Delivery. The input voltage of VBUS can
be selected between 5V and 9V.
The default setting for controlling the input voltage level is 5V (max 3A input) with SW11-4 is turned on. When the
switch is turned off, the input voltage is 9V (max 3A input). Only when the RTK9743U11S01000BE is connected to
external devices that requires a lot of power and is expected to run out of power, the SW 11-4 is turned off.
The 5V power supply is supplied to the PMIC installed on the RTK9743U11C01000BE, and the PMIC generates the
power supply voltage for each interface.
VBUS
DDR_VDDQ[0:5]
PVDD[0:6]
USB_VDD33[0:1]
PVDD182533_1
ADC_AVDD18
SPI_PVDD
USB_VDD18[0:2]
VDD18
CSI_VDD18[0:1]
PVDD182533_0
VDD18
OTP_VDD18
PLL[1:6]_AVDD18
SD0_PVDD
SD1_PVDD
PLL23_DVDD11
VDD[0:24]
PLL5_DVDD11
RZ/G2UL
5.0V 1.8V
1.8V peripheral device
5.0V
5.0V 1.1V
5.0V 3.3V
3.3V peripheral device
1.1V
5.0V 1.2V
VDDQ_DDR
USB Type-C (CN6)
Ethernet PHY
5.0V 1.2V
ETH_VDD
3.3V/1.8V
3.3V/1.8V
1.8V
3.3V
To SUB board
Note:
shows the Carrier Board
Figure 2.9
Block Diagram of Power Configuration
RZ/A3UL SMARC Module Board
OCTAL Edition
RZ/A3UL SMARC Module Board
QSPI Edition
RZ/G2UL SMARC Module Board
RZ/Five SMARC Module Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com