Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # RZ/A
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button RZ/A Datasheet HTML 32Page - Renesas Technology Corp RZ/A Datasheet HTML 33Page - Renesas Technology Corp RZ/A Datasheet HTML 34Page - Renesas Technology Corp RZ/A Datasheet HTML 35Page - Renesas Technology Corp RZ/A Datasheet HTML 36Page - Renesas Technology Corp RZ/A Datasheet HTML 37Page - Renesas Technology Corp RZ/A Datasheet HTML 38Page - Renesas Technology Corp RZ/A Datasheet HTML 39Page - Renesas Technology Corp RZ/A Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 36 of 83
Jul 28, 2022
Table 2.2
List of Pin Function Selection Used on Each Module Board (12/18)
Pin
Location
Pin Name
RZ/G2UL
Pin Function
RZ/A3UL
Pin Function
RZ/Five
Pin Function
Description
SMARC
Pin No.
SMARC
Pin Name
AB2
P6_2/ADC_TRG/
RSPI2_MISO/
CAN0_RX/
SCIF2_SCK/
MTIOC7C/IRQ2
SD0_PWR_SEL/
ADC_TRG
SD0_PWR_SEL/
ADC_TRG
SD0_PWR_SEL/
ADC_TRG
Pin connector (CN1) for ADC
input or Input controlling
SD0_PVDD power level
High: 3.3V, Low: 1.8V
Note: Only available when
uSD is being used
else this is ADC_TRG
input
—
—
AC1
P6_3/RIIC2_SDA/
RSPI2_SSL/
CAN0_TX_
DATARATE_EN/
SCIF2_CTS#/
MTIOC7D/
SCIF0_RXD/
IRQ3
SCIF0_RXD
SCIF0_RXD
SCIF0_RXD
Carrier Board Connector, connected
to microUSB Type-AB connector
(CN14), used as Serial Download
Mode
P141
SER3_RX
AC2
P6_4/RIIC2_SCL/
CAN0_RX_
DATARATE_EN/
SCIF2_RTS#/
ADC_TRG/
SCIF0_TXD/IRQ4
SCIF0_TXD
SCIF0_TXD
SCIF0_TXD
Carrier Board Connector, connected
to microUSB Type-AB connector
(CN14), used as Serial Download
Mode
P140
SER3_TX
AE18
P7_0/ET1_TXC/
TX_CLK/
ADC_TRG/
RSPI2_CK/
CAN_CLK/
MTIOC0A/
SCIF2_TXD/IRQ5
ET1_TXC/
TX_CLK
ET1_TXC/
TX_CLK
ET1_TXC/
TX_CLK
Ethernet PHY_1 (IC23)
—
—
AD17
P7_1/
ET1_TX_CTL/
TX_EN/
SCI1_SCK/
RSPI2_MOSI/
CAN0_TX/
MTIOC0B/
SCIF2_RXD
ET1_TX_CTL/
TX_EN
ET1_TX_CTL/
TX_EN
ET1_TX_CTL/
TX_EN
Ethernet PHY_1 (IC23)
—
—
AD16
P7_2/ET1_TXD0/
SCI1_TXD/
RSPI2_MISO/
CAN0_RX/
MTIOC0C/
SCIF2_SCK
ET1_TXD0
ET1_TXD0
ET1_TXD0
Ethernet PHY_1 (IC23)
—
—
AE16
P7_3/ET1_TXD1/
SCI1_RXD/
RSPI2_SSL/
CAN0_TX_
DATARATE_EN/
MTIOC0D/
SCIF2_CTS#
ET1_TXD1
ET1_TXD1
ET1_TXD1
Ethernet PHY_1 (IC23)
—
—
AD15
P7_4/ET1_TXD2/
SCI1_CTS#/
RTS#/IRQ2/
CAN0_RX_
DATARATE_EN/
SCIF2_RTS#
ET1_TXD2
ET1_TXD2
ET1_TXD2
Ethernet PHY_1 (IC23)
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com