Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RZ/A
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RZ/A Datasheet HTML 3Page - Renesas Technology Corp RZ/A Datasheet HTML 4Page - Renesas Technology Corp RZ/A Datasheet HTML 5Page - Renesas Technology Corp RZ/A Datasheet HTML 6Page - Renesas Technology Corp RZ/A Datasheet HTML 7Page - Renesas Technology Corp RZ/A Datasheet HTML 8Page - Renesas Technology Corp RZ/A Datasheet HTML 9Page - Renesas Technology Corp RZ/A Datasheet HTML 10Page - Renesas Technology Corp RZ/A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
R01UH0990EJ0101
Rev.1.01
Page 7 of 83
Jul 28, 2022
1.
Overview
1.1
Overview
This document describes a specification of the RZ/G2UL, RZ/A3UL and RZ/Five SMARC Module Board to evaluate
the functions and performance of the Renesas Electronics microprocessor RZ/G2UL “R9A07G043U11GBG”,
RZ/A3UL “R9A07G063U02GBG” and RZ/Five “R9A07G043F01GBG” and evaluate application software programs.
This document introduces 4 types of the SMARC Module Boards.
However, the RZ/G2UL SMARC Module Board (RTK9743U11C01000BE) will be mainly explained here. Please refer
to the section 5.1 “Type Name and Features of Each Board” for the main features of each SMARC Module
Board.
The RTK9743U11C01000BE complies with the SMARC v2.1 and has following features.
● It is mounted with the following external memories.
DDR4 SDRAM: 1GB × 1pc
QSPI flash memory: 128Mb × 1pc (*1)
eMMC memory: 64GB × 1pc
OctaRAM memory: 512Mb *1pc (*2)
OctaFLASH memory: 1Gb * 1pc (*2)
● The microSD card slot is implemented and used as an eSD for boot.
● It is implemented a 5-output clock generator “5P35023”.
●
It is implemented a PMIC “DA9062” as power supply circuit.
● The Ethernet PHY is implemented as standard and can send/receive data at 10/100/1000Mbps.
● Terminals not used on this board such as a USB connector, a LAN connector and a camera connector and so on are
connected to the 314-pin 0.5-mm pitch connector, which can be used in conjunction with a Carrier Board.
● The 10-pin connector for ARM Cortex Debug is implemented for connection to debug interface.
● The 6-pin connector is implemented for connection to ADC interface.
● The 45-pin FFC/FPC connector is mounted as standard for connection to parallel output interface. (*3)
Note 1.
The QSPI flash memoy is not supported on the RTK9763U02C01001BE.
Note 2.
The OctaFlash and Octa RAM memories are supportted on the RTK9763U02C01001BE.
Note 3.
The parallel output interface is not supported on the RTK9743F01C01000BE.
RZ Family / RZ/G, RZ/A Series
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com