Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # RZ/A
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button RZ/A Datasheet HTML 64Page - Renesas Technology Corp RZ/A Datasheet HTML 65Page - Renesas Technology Corp RZ/A Datasheet HTML 66Page - Renesas Technology Corp RZ/A Datasheet HTML 67Page - Renesas Technology Corp RZ/A Datasheet HTML 68Page - Renesas Technology Corp RZ/A Datasheet HTML 69Page - Renesas Technology Corp RZ/A Datasheet HTML 70Page - Renesas Technology Corp RZ/A Datasheet HTML 71Page - Renesas Technology Corp RZ/A Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
3. Operation Specifications
R01UH0990EJ0101
Rev.1.01
Page 68 of 83
Jul 28, 2022
By setting SW1-3 to the following settings, the RTK9743U11C01000BE can be used various interfaces. Table 3.7
provides functions by SW1-3. Table 3.8 provides functions of mode terminals.
Table 3.7
GPIO Signals by SW1-3
Setting
SW1-3 =
“L”
SW1-3 =
“H”
P1_2
ET0_TXD0
CAN0_RX
P1_3
ET0_TXD1
GPIO6
P1_4
ET0_TXD2
GPIO7
P2_0
ET0_TXD3
CAN1_TX
P3_2
ET0_RXD0
SSI1_TXD
P3_3
ET0_RXD1
SSI1_RXD
P4_0
ET0_RXD2
RSPI1_CK
P4_1
ET0_RXD3
RSPI1_MOSI
P1_0
ET0_TXC
GPIO5
P1_1
ET0_TX_CTL
CAN0_TX
P3_0
ET0_RXC
SSI1_BCK
P3_1
ET0_RX_CTL
SSI1_RCK
P4_3
ET0_MDC
RSPI1_SSL
P4_4
ET0_MDIO
GPIO1
P4_5
ET0_LINKSTA
GPIO11
P5_1
ET0_INT#
GPIO10
Application
Ethernet0
CAN0/1
Audio
PMOD0 (Type-2A)
PMOD1 (Type-6)
Table 3.8
Functions of System Setting
No.
Setting
Function
MD_CLKS
0
MD_CLKS=
“H”
SSCG ON
1
MD_CLKS=
“L”
SSCG OFF
BSCANP
0
BSCANP=
“H”
Select the eMMC memory
1
BSCANP=
“L”
Select the SD card
MD_OSCDRV0
0
MD_OSCDRV0=
“H”
Not supported
1
MD_OSCDRV0=
“L”
MD_OSCDRV1
0
MD_OSCDRV1=
“H”
Not supported
1
MD_OSCDRV1=
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com