Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # RZ/A
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button RZ/A Datasheet HTML 49Page - Renesas Technology Corp RZ/A Datasheet HTML 50Page - Renesas Technology Corp RZ/A Datasheet HTML 51Page - Renesas Technology Corp RZ/A Datasheet HTML 52Page - Renesas Technology Corp RZ/A Datasheet HTML 53Page - Renesas Technology Corp RZ/A Datasheet HTML 54Page - Renesas Technology Corp RZ/A Datasheet HTML 55Page - Renesas Technology Corp RZ/A Datasheet HTML 56Page - Renesas Technology Corp RZ/A Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 53 of 83
Jul 28, 2022
2.9
PMIC
Figure 2.11 shows the RZ/G2UL pin assignment for PMIC.
LDO2 and LDO3 output voltage value for supply SD0_PVDD and SD1_PVDD are fixed by P6_1 and P6_2.
Figure 2.11
Block Diagram around PMIC
VDD, PLLx_VDD11
SD0_PVDD
SD1_PVDD
DDR_VDDQ
VDD, PLLx_AVDD18,
CSI_VDD18(*1), USB_VDD18,
ADC_AVDD18, OTP_VDD18
ET0/1_CORE_VDD
(1.2V 1.0A)
1.1V(1.1V 2.5A)
PRST_N
PGOOD
SPI_PVDD
VTTR_DDR
(0.6V 1.5A)
DVDDH
DVDDL,AVDDL
AVDDH
DVDDH
DVDDL,AVDDL
AVDDH
VDDQ_DDR(1.2V 2.5A)
1.8V(1.8V 1.5A)
SD1_PVDD(3.3V/1.8V 0.3A)
PRST_N
RZ/G2UL
RZ/A3UL
RZ/Five
PVDD, USB_VDD33
3.3V( 3.3V 2.0A)
BUCK1
nRESET
nRESETREQ
nONKEY
DA9062
BUCK3
BUCK2
BUCK4
VTT
VLDO3
5.0V
(5.0V 5.0A)
Ether PHY 0
Ether PHY 1
PVDD182533_0
QSPI(*1)/OCTA FLASH(*2)
VCC
SMAC
Conn.
GPIO4(Sequencer cont.)
eMMC
VCC
POWER_BTN#
5.0V
VIN_PWR_BAD#
5.0V
RESET_IN#
3.3V
WDTOVF_PERROUT
CARRIER_PWR_ON
1.8V
3.3V
PMIC_PGOOD
VCCQ
VRO
DDR_VPP
VREFCA
VDD, VDDQ
VREF_DDR
(0.6V 0.1A)
VPP_DDR(2.5V 0.1A)
DDR4SDRAM
GPIO1(LDO2_GPI)
GPIO0(WDKICK)
VSYS
VDD_BUCK1
VDD_ BUCK2
VDD_ BUCK3
VDD_ BUCK4
VDD_ LDO1
VDD_ LDO2
VDD_ LDO34
VDDIO
RZ/G2UL
RZ/A3UL
RZ/Five
3.3V
3.3V
EN
NCP51200
VRI
VLDO1
OD
3.3V
XTAL_IN
XTAL_OUT
VBBAT
nIRQ
TP
SCL
SDA
3.3V 3.3V
RIIC0_SCL
RIIC0_SDA
VCC
32KHz
VCC
OCTA RAM(*2)
uSD-Card
VCC
SW
SD0_PWR_SEL
Px_x0
Px_x1
3.3V
(Dropout Typ100mV)
SW_ET0_EN
Px_x2
RZ_Px_x2
EN
GPIO2(LDO3_GPI)
GPIO3(LDO4_GPI)
SD1_PWR_SEL
3.3V
3.3V
SD0_PVDD(3.3V/1.8V 0.3A)
VLDO2
VLDO4
PVDD182533_1
SD0_PWR_
ISL80510
EN
3.3V
ET0_PVDD(3.3V/1.8V 0.3A)
(*1) RZ/A3UL SMARC Module Board OCTAL Edition is not supported.
(*2) RZ/G2UL SMARC Module Board, RZ/Five SMARC Module Board
and RZ/A3UL SMARC Module Board QSPI Edition are not supported.
RZ/A3UL SMARC Module Board
OCTAL Edition
RZ/A3UL SMARC Module Board
QSPI Edition
RZ/G2UL SMARC Module Board
RZ/Five SMARC Module Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com