Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # RZ/A
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button RZ/A Datasheet HTML 50Page - Renesas Technology Corp RZ/A Datasheet HTML 51Page - Renesas Technology Corp RZ/A Datasheet HTML 52Page - Renesas Technology Corp RZ/A Datasheet HTML 53Page - Renesas Technology Corp RZ/A Datasheet HTML 54Page - Renesas Technology Corp RZ/A Datasheet HTML 55Page - Renesas Technology Corp RZ/A Datasheet HTML 56Page - Renesas Technology Corp RZ/A Datasheet HTML 57Page - Renesas Technology Corp RZ/A Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 54 of 83
Jul 28, 2022
2.10
Debug Interface
Figure 2.12 shows a block diagram of debug interface.
Ths interface supports JTAG and SWD and has debug support for Cortex-A55 and Cortex-M33.
The default operation for the debug interface uses pin 9 as a ground detect, although with resitor(R20) fitting options, it
is possible to use this to independently drive the JTAG_TRST#.
When debug mode is disabled (SW1-1: DEBUGEN is ON), JTAG_TRST# is permanently low.
On the other hands, when debug mode is enabled (SW1-1: DEBUGEN is OFF), JTAG_TRST# is initially low on
powerup and then ramps up to 1.8V.
Figure 2.12
Block Diagram of Debug I/F
TMS_SWDIO
VDD18
TCK_SWDCLK
TDO_SWO
TDI
TRST#
RZ/G2UL, RZ/A3UL, RZ/Five
P6
RZ/A3UL SMARC Module Board
OCTAL Edition
RZ/A3UL SMARC Module Board
QSPI Edition
RZ/G2UL SMARC Module Board
RZ/Five SMARC Module Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com