Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # RZ/A
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RZ/A Datasheet HTML 22Page - Renesas Technology Corp RZ/A Datasheet HTML 23Page - Renesas Technology Corp RZ/A Datasheet HTML 24Page - Renesas Technology Corp RZ/A Datasheet HTML 25Page - Renesas Technology Corp RZ/A Datasheet HTML 26Page - Renesas Technology Corp RZ/A Datasheet HTML 27Page - Renesas Technology Corp RZ/A Datasheet HTML 28Page - Renesas Technology Corp RZ/A Datasheet HTML 29Page - Renesas Technology Corp RZ/A Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 26 of 83
Jul 28, 2022
Table 2.2
List of Pin Function Selection Used on Each Module Board (2/18)
Pin
Location
Pin Name
RZ/G2UL
Pin Function
RZ/A3UL
Pin Function
RZ/Five
Pin Function
Description
SMARC
Pin No.
SMARC
Pin Name
AD12
CSI_DATA0_P
CSI_DATA0_P
CSI_DATA0_P
NC
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: Unused in case of
RZ/Five
P7
CSI1_RX0+
AE10
CSI_DATA1_N
CSI_DATA1_N
CSI_DATA1_N
NC
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: Unused in case of
RZ/Five
P11
CSI1_RX1-
AD10
CSI_DATA1_P
CSI_DATA1_P
CSI_DATA1_P
NC
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: Unused in case of
RZ/Five
P10
CSI1_RX1+
AE13
CSI_DATA2_N
CSI_DATA2_N
CSI_DATA2_N
ADC_CH0
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: In case of RZ/Five,
this pin is used as
ADC_CH0.
Removed a resiter
(R8) and mounted a
resistor (R10) for
CSI/ADC options.
P14
CSI1_RX2-
AD13
CSI_DATA2_P
CSI_DATA2_P
CSI_DATA2_P
ADC_CH1
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: In case of RZ/Five,
this pin is used as
ADC_CH1.
Removed a resiter
(R9) and mounted a
resistor (R11) for
CSI/ADC options.
P13
CSI1_RX2+
AE9
CSI_DATA3_N
CSI_DATA3_N
CSI_DATA3_N
NC
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: Unused in case of
RZ/Five
P17
CSI1_RX3-
AD9
CSI_DATA3_P
CSI_DATA3_P
CSI_DATA3_P
NC
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: Unused in case of
RZ/Five
P16
CSI1_RX3+
F17
ADC_AVDD18
ADC_AVDD18
ADC_AVDD18
NC
1.8V
Note: Unused in case of
RZ/Five
—
—
Y11
CSI_VDD18
CSI_VDD18
CSI_VDD18
NC
1.8V
Note: Unused in case of
RZ/Five
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com