Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 255 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 255 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 251Page - Texas Instruments XAM2434...ALX Datasheet HTML 252Page - Texas Instruments XAM2434...ALX Datasheet HTML 253Page - Texas Instruments XAM2434...ALX Datasheet HTML 254Page - Texas Instruments XAM2434...ALX Datasheet HTML 255Page - Texas Instruments XAM2434...ALX Datasheet HTML 256Page - Texas Instruments XAM2434...ALX Datasheet HTML 257Page - Texas Instruments XAM2434...ALX Datasheet HTML 258Page - Texas Instruments XAM2434...ALX Datasheet HTML 259Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 280 page
background image
• Modem control functions on UART0 (CTS, RTS, DSR, DTR, RI, and DCD)
• Fully prioritized interrupt system controls
• Internal test and loopback capabilities
• RS-485 External transceiver auto flow control support
For more information, see Universal Synchronous/Asynchronous Receiver/Transmitter (UART) section in
Peripherals chapter in the device TRM.
8.4.2.22 Universal Serial Bus Subsystem (USBSS)
The Universal Serial Bus Subsystem (USBSS) module supports the following main features:
General USB interface:
• Compliant with USB 3.1 specification
• Compliant with xHCI 1.1 specification
• Port configurable as:
– USB host:
• SuperSpeed Gen 1 (5 Gbps)
• High-speed (480 Mbps)
• Full-speed (12 Mbps)
• Low-speed (1.5 Mbps)
– USB device/peripheral:
• High-speed (480 Mbps)
• Full-speed (12Mbps)
– USB Dual-Role device
USB Host mode features:
• 64 slots
• Up to 96 periodic simultaneous endpoints
• 256 primary streams
• MSI
• Root hub
For more information, see Universal Serial Bus (USB) Subsystem section in Peripherals chapter in the device
TRM.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
255
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com