Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 57 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 57 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 53Page - Texas Instruments XAM2434...ALX Datasheet HTML 54Page - Texas Instruments XAM2434...ALX Datasheet HTML 55Page - Texas Instruments XAM2434...ALX Datasheet HTML 56Page - Texas Instruments XAM2434...ALX Datasheet HTML 57Page - Texas Instruments XAM2434...ALX Datasheet HTML 58Page - Texas Instruments XAM2434...ALX Datasheet HTML 59Page - Texas Instruments XAM2434...ALX Datasheet HTML 60Page - Texas Instruments XAM2434...ALX Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
B16
B9
UART0_CTSn
PADCONFIG142
0x000F4238
UART0_CTSn
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
SPI0_CS2
1
IO
1
ADC_EXT_TRIGGER0
2
I
0
UART2_RXD
3
I
1
TIMER_IO6
4
IO
0
SPI4_CLK
6
IO
0
GPIO1_54
7
IO
pad
EQEP0_S
8
IO
0
CP_GEMAC_CPTS0_TS_SYNC
9
O
A16
A9
UART0_RTSn
PADCONFIG143
0x000F423C
UART0_RTSn
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
SPI0_CS3
1
IO
1
UART2_TXD
3
O
TIMER_IO7
4
IO
0
SPI4_D0
6
IO
0
GPIO1_55
7
IO
pad
EQEP0_I
8
IO
0
D15
B10
UART0_RXD
PADCONFIG140
0x000F4230
UART0_RXD
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
SPI2_D0
2
IO
0
GPIO1_52
7
IO
pad
EQEP0_A
8
I
0
C16
B11
UART0_TXD
PADCONFIG141
0x000F4234
UART0_TXD
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
SPI2_D1
2
IO
0
GPIO1_53
7
IO
pad
EQEP0_B
8
I
0
D16
C11
UART1_CTSn
PADCONFIG146
0x000F4248
UART1_CTSn
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
SPI1_CS2
1
IO
1
ADC_EXT_TRIGGER1
2
I
0
PCIE0_CLKREQn
3
IO
0
UART3_RXD
4
I
1
CP_GEMAC_CPTS0_TS_SYNC
5
O
SPI4_D1
6
IO
0
GPIO1_58
7
IO
pad
EQEP1_S
8
IO
0
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com