Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 36 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 36 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 32Page - Texas Instruments XAM2434...ALX Datasheet HTML 33Page - Texas Instruments XAM2434...ALX Datasheet HTML 34Page - Texas Instruments XAM2434...ALX Datasheet HTML 35Page - Texas Instruments XAM2434...ALX Datasheet HTML 36Page - Texas Instruments XAM2434...ALX Datasheet HTML 37Page - Texas Instruments XAM2434...ALX Datasheet HTML 38Page - Texas Instruments XAM2434...ALX Datasheet HTML 39Page - Texas Instruments XAM2434...ALX Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
L17
OSPI0_CSn3
PADCONFIG14
0x000F4038
OSPI0_CSn3
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
OSPI0_RESET_OUT0
1
O
OSPI0_ECC_FAIL
2
I
1
GPIO0_14
7
IO
pad
M19
L19
OSPI0_D0
PADCONFIG3
0x000F400C
OSPI0_D0
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_3
7
IO
pad
M18
N20
OSPI0_D1
PADCONFIG4
0x000F4010
OSPI0_D1
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_4
7
IO
pad
M20
L21
OSPI0_D2
PADCONFIG5
0x000F4014
OSPI0_D2
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_5
7
IO
pad
M21
N19
OSPI0_D3
PADCONFIG6
0x000F4018
OSPI0_D3
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_6
7
IO
pad
P21
OSPI0_D4
PADCONFIG7
0x000F401C
OSPI0_D4
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_7
7
IO
pad
P20
OSPI0_D5
PADCONFIG8
0x000F4020
OSPI0_D5
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_8
7
IO
pad
N18
OSPI0_D6
PADCONFIG9
0x000F4024
OSPI0_D6
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_9
7
IO
pad
M17
OSPI0_D7
PADCONFIG10
0x000F4028
OSPI0_D7
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_10
7
IO
pad
E17
D18
PORz_OUT
PADCONFIG171
0x000F42AC
PORz_OUT
0
O
0
Off / Low / Off
Off / SS / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
P3
D2
PRG0_MDIO0_MDC
PADCONFIG129
0x000F4204
PRG0_MDIO0_MDC
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
GPIO1_41
7
IO
pad
GPMC0_A13
9
OZ
P2
E4
PRG0_MDIO0_MDIO
PADCONFIG128
0x000F4200
PRG0_MDIO0_MDIO
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV1
Yes
PU/PD
LVCMOS
GPIO1_40
7
IO
pad
GPMC0_A12
9
OZ
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
36
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com