Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 12 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 12 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 8Page - Texas Instruments XAM2434...ALX Datasheet HTML 9Page - Texas Instruments XAM2434...ALX Datasheet HTML 10Page - Texas Instruments XAM2434...ALX Datasheet HTML 11Page - Texas Instruments XAM2434...ALX Datasheet HTML 12Page - Texas Instruments XAM2434...ALX Datasheet HTML 13Page - Texas Instruments XAM2434...ALX Datasheet HTML 14Page - Texas Instruments XAM2434...ALX Datasheet HTML 15Page - Texas Instruments XAM2434...ALX Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 280 page
background image
5 Device Comparison
Table 5-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig-PinMux tool
should be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the AM243x SW Build Sheet.
Table 5-1. Device Comparison
FEATURES(1)
REFERENCE
NAME
AM2434
(ALV)
AM2432
(ALV)
AM2431
(ALV)
AM2434
(ALX)
AM2432
(ALX)
AM2431
(ALX)
JTAG DEVICE ID COMPARISON (FEATURES)
CTRLMMR_JTAG_DEVICE_ID[31:13] DEVICE_ID register
bit-field value(2)
C: -----------
D: 0x19064
E: 0x19065
F: 0x19066
C: 0x19023
D: 0x19024
E: 0x19025
F: 0x19026
C: 0x19003
D: 0x19004
E: -----------
F: -----------
C: -----------
D: 0x19064
E: 0x19065
F: 0x19066
C: 0x19023
D: 0x19024
E: 0x19025
F: 0x19026
C: 0x19003
D: 0x19004
E: -----------
F: -----------
PROCESSORS AND ACCELERATORS
Speed Grades (See Table 7-1)
S
S
S
S
S, K
S,K
Arm Cortex-R5F
R5FSS
2 × Dual
Core
2 × Single
Core
1 × Single
Core
2 × Dual
Core
2× Single
Core
1 × Single
Core
Arm Cortex-M4F
M4FSS
Single Core
Functional Safety
Optional(3)
Single Core
Single Core
Functional Safety
Optional(3)
Single Core
Device Management Security
Controller
DMSC-L
Yes
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
Shared On-Chip Memory (OCSRAM)
in MAIN Domain
OCSRAM
2MB
2MB
R5F Tightly Coupled Memory (TCM)(4)
TCM
256KB
128KB
256KB
128KB
Shared On-Chip Memory (OCSRAM)
in MCU Domain
MCU_MSRAM
256KB
256KB
DDR4/LPDDR4 DDR Subsystem
DDRSS
Up to 2GB (16-bit data) with inline
ECC
-
General-Purpose Memory Controller
w/Error Location Module (ELM)
GPMC w/ELM
Up to 1GB with ECC
-
PERIPHERALS
Modular Controller Area Network
Interface
MCAN
2
Full CAN-FD Support(5)
MCAN
Optional
General-Purpose I/O
GPIO
Up to 198
Up to 148
Inter-Integrated Circuit Interface
I2C
6 (2 in MCU Domain)
3 (MAIN Domain Only)
Analog-to-Digital Converter
ADC
1 (12-bit resolution)
1 (10-bit resolution)
Multichannel Serial Peripheral
Interface
MCSPI
7 (2 in MCU Domain)
4 (MAIN Domain Only)
MultiMedia Card/ Secure Digital
Interface
MMCSD0
eMMC (8-bits)
-
MMCSD1
SD/SDIO (4-bits)
SD/SDIO (4-bits)
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com