Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 4 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 4 Page - Texas Instruments

  XAM2434...ALX Datasheet HTML 1Page - Texas Instruments XAM2434...ALX Datasheet HTML 2Page - Texas Instruments XAM2434...ALX Datasheet HTML 3Page - Texas Instruments XAM2434...ALX Datasheet HTML 4Page - Texas Instruments XAM2434...ALX Datasheet HTML 5Page - Texas Instruments XAM2434...ALX Datasheet HTML 6Page - Texas Instruments XAM2434...ALX Datasheet HTML 7Page - Texas Instruments XAM2434...ALX Datasheet HTML 8Page - Texas Instruments XAM2434...ALX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 280 page
background image
3 Description
AM243x is an extension of Sitara’s industrial-grade portfolio into high-performance microcontrollers. The
AM243x device is built for industrial applications, such as motor drives and remote I/O modules, which require a
combination of real-time communications and processing. The AM243x family provides scalable performance
with up to four Cortex-R5F MCUs, one Cortex-M4F, and two instances of Sitara’s gigabit TSN-enabled
PRU_ICSSG.
The AM243x SoC architecture was designed to provide best-in-class real-time performance through the high-
performance Arm Cortex-R5F cores, Tightly-Coupled Memory banks, configurable SRAM partitioning, and
dedicated low-latency paths to and from peripherals for rapid data movement in and out of the SoC. This
deterministic architecture allows for AM243x to handle the tight control loops found in servo drives while
the peripherals like FSI, GPMC, ECAPs, PWMs, and encoder interfaces help enable a number of different
architectures found in these systems.
The SoC provides flexible industrial communications capability including full protocol stacks for EtherCAT target,
PROFINET device, EtherNet/IP adapter, and IO-Link Controller. The PRU_ICSSG further provides capability for
gigabit and TSN based protocols. In addition, the PRU_ICSSG enables additional interfaces including a UART
interface, sigma delta decimation filters, and absolute encoder interfaces.
Functional safety features can be enabled through the integrated Cortex-M4F along with dedicated peripherals
which can all be isolated from the rest of the SoC. AM243x also supports secure boot.
Package Information
PART NUMBER
PACKAGE(1)
BODY SIZE
AM2434...ALV
(441-Pin) FCBGA [Lidded]
17.2 mm × 17.2 mm
XAM2434...ALX(2)
(293-Pin) FC/CSP [SiP]
11.0 mm × 11.0 mm
AM2432...ALV
(441-Pin) FCBGA [Lidded]
17.2 mm × 17.2 mm
XAM2432...ALX(2)
(293-Pin) FC/CSP [SiP]
11.0 mm × 11.0 mm
AM2431..ALV
(441-Pin) FCBGA [Lidded]
17.2 mm × 17.2 mm
XAM2431..ALX(2)
(293-Pin) FC/CSP [SiP]
11.0 mm × 11.0 mm
(1)
For more information, see Section 11, Mechanical, Packaging, and Orderable Information.
(2)
All XAM243x part numbers correspond to the fully featured XAM2434ASFGGAALX.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com