Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 58 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 58 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 54Page - Texas Instruments XAM2434...ALX Datasheet HTML 55Page - Texas Instruments XAM2434...ALX Datasheet HTML 56Page - Texas Instruments XAM2434...ALX Datasheet HTML 57Page - Texas Instruments XAM2434...ALX Datasheet HTML 58Page - Texas Instruments XAM2434...ALX Datasheet HTML 59Page - Texas Instruments XAM2434...ALX Datasheet HTML 60Page - Texas Instruments XAM2434...ALX Datasheet HTML 61Page - Texas Instruments XAM2434...ALX Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
E16
A11
UART1_RTSn
PADCONFIG147
0x000F424C
UART1_RTSn
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
SPI1_CS3
1
IO
1
UART3_TXD
4
O
CP_GEMAC_CPTS0_HW2TSPUSH
5
I
0
SPI4_CS0
6
IO
1
GPIO1_59
7
IO
pad
EQEP1_I
8
IO
0
E15
B12
UART1_RXD
PADCONFIG144
0x000F4240
UART1_RXD
0
I
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
SPI2_CS0
2
IO
1
CP_GEMAC_CPTS0_TS_COMP
5
O
GPIO1_56
7
IO
pad
EQEP1_A
8
I
0
E14
A12
UART1_TXD
PADCONFIG145
0x000F4244
UART1_TXD
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
SPI2_CLK
2
IO
0
CP_GEMAC_CPTS0_HW1TSPUSH
5
I
0
GPIO1_57
7
IO
pad
EQEP1_B
8
I
0
AA20
AA17
USB0_DM
USB0_DM
IO
1.8 V/3.3 V
VDDA_3P3_USB0,
VDDA_1P8_USB0,
VDDA_0P85_USB0
USB2PHY
AA19
AA16
USB0_DP
USB0_DP
IO
1.8 V/3.3 V
VDDA_3P3_USB0,
VDDA_1P8_USB0,
VDDA_0P85_USB0
USB2PHY
E19
B19
USB0_DRVVBUS
PADCONFIG170
0x000F42A8
USB0_DRVVBUS
0
O
7
Off / Off / Down
Off / Off / Down
1.8 V/3.3 V
VDDSHV0
Yes
PU/PD
LVCMOS
GPIO1_79
7
IO
pad
U16
Y17
USB0_ID
USB0_ID
A
1.8 V/3.3 V
VDDA_3P3_USB0,
VDDA_1P8_USB0,
VDDA_0P85_USB0
USB2PHY
U17
W17
USB0_RCALIB
USB0_RCALIB
A
1.8 V/3.3 V
VDDA_3P3_USB0,
VDDA_1P8_USB0,
VDDA_0P85_USB0
USB2PHY
T14
V18
USB0_VBUS
USB0_VBUS
A
1.8 V/3.3 V
VDDA_3P3_USB0,
VDDA_1P8_USB0,
VDDA_0P85_USB0
USB2PHY
P12, P13
VDDA_0P85_SERDES0
VDDA_0P85_SERDES0
PWR
P11
VDDA_0P85_SERDES0_C
VDDA_0P85_SERDES0_C
PWR
T12
V16
VDDA_0P85_USB0
VDDA_0P85_USB0
PWR
R14
VDDA_1P8_SERDES0
VDDA_1P8_SERDES0
PWR
R15
U15
VDDA_1P8_USB0
VDDA_1P8_USB0
PWR
H15
K15
VDDA_3P3_SDIO
VDDA_3P3_SDIO
PWR
R13
U16
VDDA_3P3_USB0
VDDA_3P3_USB0
PWR
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
58
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com