Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 28 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 28 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 24Page - Texas Instruments XAM2434...ALX Datasheet HTML 25Page - Texas Instruments XAM2434...ALX Datasheet HTML 26Page - Texas Instruments XAM2434...ALX Datasheet HTML 27Page - Texas Instruments XAM2434...ALX Datasheet HTML 28Page - Texas Instruments XAM2434...ALX Datasheet HTML 29Page - Texas Instruments XAM2434...ALX Datasheet HTML 30Page - Texas Instruments XAM2434...ALX Datasheet HTML 31Page - Texas Instruments XAM2434...ALX Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
V18
Y19
GPMC0_AD13
PADCONFIG28
0x000F4070
GPMC0_AD13
0
IO
0
7
On / Off / Off
On / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_RX1_D1
1
I
0
EPWM3_A
3
IO
0
TRC_DATA11
6
O
GPIO0_28
7
IO
pad
PRG0_PWM3_A0
9
IO
0
BOOTMODE13
Bootstrap
I
Y21
Y18
GPMC0_AD14
PADCONFIG29
0x000F4074
GPMC0_AD14
0
IO
0
7
On / Off / Off
On / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_TX0_D0
1
O
UART6_RXD
2
I
1
EPWM3_B
3
IO
0
TRC_DATA12
6
O
GPIO0_29
7
IO
pad
PRG0_PWM3_B0
9
IO
1
BOOTMODE14
Bootstrap
I
Y20
AA19
GPMC0_AD15
PADCONFIG30
0x000F4078
GPMC0_AD15
0
IO
0
7
On / Off / Off
On / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_TX0_D1
1
O
UART6_TXD
2
O
EPWM3_SYNCI
3
I
0
TRC_DATA13
6
O
GPIO0_30
7
IO
pad
BOOTMODE15
Bootstrap
I
P17
GPMC0_BE0n_CLE
PADCONFIG36
0x000F4090
GPMC0_BE0n_CLE
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_TX1_D0
1
O
UART6_RTSn
2
O
EPWM_TZn_IN4
3
I
0
EPWM7_A
5
IO
0
TRC_DATA18
6
O
GPIO0_35
7
IO
pad
PRG1_PWM2_A1
9
IO
0
T19
P21
GPMC0_BE1n
PADCONFIG37
0x000F4094
GPMC0_BE1n
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV3
Yes
PU/PD
LVCMOS
FSI_TX0_CLK
1
O
EPWM5_A
3
IO
0
TRC_DATA19
6
O
GPIO0_36
7
IO
pad
PRG0_PWM3_A2
9
IO
0
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com