Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 5 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 5 Page - Texas Instruments

  XAM2434...ALX Datasheet HTML 1Page - Texas Instruments XAM2434...ALX Datasheet HTML 2Page - Texas Instruments XAM2434...ALX Datasheet HTML 3Page - Texas Instruments XAM2434...ALX Datasheet HTML 4Page - Texas Instruments XAM2434...ALX Datasheet HTML 5Page - Texas Instruments XAM2434...ALX Datasheet HTML 6Page - Texas Instruments XAM2434...ALX Datasheet HTML 7Page - Texas Instruments XAM2434...ALX Datasheet HTML 8Page - Texas Instruments XAM2434...ALX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 280 page
background image
3.1 Functional Block Diagram
Figure 3-1 is the functional block diagram for the device.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the AM243x SW Build Sheet.
Industrial Connectivity
System Memory
Security
A 243x
M
AM243x_FBD
2 MB SRAM with ECC
DDR4/LPDDR4 with inline ECC
2x MMCSD
AES
MD5
SHA
3DES
PKA
DRBG
Secure
Boot
System Services
12x GP Timers
4x WWDT
Sync
Manager
3x EQEP
3x ECAP
9x EPWM
4x I2C
GPIO
5x MCSPI
1x ADC
7x UART
PCIe
1x Single lane
Gen 2
GPMC / ELM
2x FSITX
6x FSIRX
OSPI or QSPI
2x CAN-FD
1x USB 3.1 DRD
3-port Gb
Ethernet
General Connectivity
2x I2C
GPIO
2x MCSPI
2x UART
Isolated Connectivity
(A)
(for use with Cortex-M4F)
128KB TCM
Arm
Cortex -R5F
®
128KB TCM
Arm
Cortex -R5F
®
Arm
Cortex -R5F
®
Arm
Cortex -R5F
®
Arm
®
Cortex -M4F
256KB SRAM
Real-time cores
Isolated core
(A)
(C)
(B)
(C)
PRU-ICSSG
2x GMAC
Encoder
with 9x ∆
∑
1x UART
1x ECAP
4x PWM
PRU-ICSSG
2x GMAC
Encoder
with 9x ∆
∑
1x UART
1x ECAP
4x PWM
A.
Isolation of peripherals and M4F core is an optional feature. MCU domain resources are shared across the SoC when in non-isolated
configuration.
B.
One port is connected internally and not routed to any external pins.
C.
USB3.1 and PCIe share a common SerDes PHY lane.
Figure 3-1. Functional Block Diagram
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com