Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 35 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 35 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 31Page - Texas Instruments XAM2434...ALX Datasheet HTML 32Page - Texas Instruments XAM2434...ALX Datasheet HTML 33Page - Texas Instruments XAM2434...ALX Datasheet HTML 34Page - Texas Instruments XAM2434...ALX Datasheet HTML 35Page - Texas Instruments XAM2434...ALX Datasheet HTML 36Page - Texas Instruments XAM2434...ALX Datasheet HTML 37Page - Texas Instruments XAM2434...ALX Datasheet HTML 38Page - Texas Instruments XAM2434...ALX Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
K21
J18
MMC1_DAT0
PADCONFIG162
0x000F4288
MMC1_DAT0
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV5
Yes
PU/PD
SDIO
CP_GEMAC_CPTS0_HW2TSPUSH
1
I
0
TIMER_IO3
2
IO
0
UART3_TXD
3
O
GPIO1_74
7
IO
pad
L21
J19
MMC1_DAT1
PADCONFIG161
0x000F4284
MMC1_DAT1
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV5
Yes
PU/PD
SDIO
CP_GEMAC_CPTS0_HW1TSPUSH
1
I
0
TIMER_IO2
2
IO
0
UART3_RXD
3
I
1
GPIO1_73
7
IO
pad
K19
K20
MMC1_DAT2
PADCONFIG160
0x000F4280
MMC1_DAT2
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV5
Yes
PU/PD
SDIO
CP_GEMAC_CPTS0_TS_SYNC
1
O
TIMER_IO1
2
IO
0
UART2_TXD
3
O
GPIO1_72
7
IO
pad
K18
K18
MMC1_DAT3
PADCONFIG159
0x000F427C
MMC1_DAT3
0
IO
1
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV5
Yes
PU/PD
SDIO
CP_GEMAC_CPTS0_TS_COMP
1
O
TIMER_IO0
2
IO
0
UART2_RXD
3
I
1
GPIO1_71
7
IO
pad
N20
P20
OSPI0_CLK
PADCONFIG0
0x000F4000
OSPI0_CLK
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_0
7
IO
pad
N19
P17
OSPI0_DQS
PADCONFIG2
0x000F4008
OSPI0_DQS
0
I
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_2
7
IO
pad
N21
M21
OSPI0_LBCLKO
PADCONFIG1
0x000F4004
OSPI0_LBCLKO
0
IO
0
7
Off / Off / Off
On / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_1
7
IO
pad
L19
L20
OSPI0_CSn0
PADCONFIG11
0x000F402C
OSPI0_CSn0
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_11
7
IO
pad
L18
M20
OSPI0_CSn1
PADCONFIG12
0x000F4030
OSPI0_CSn1
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
GPIO0_12
7
IO
pad
K17
OSPI0_CSn2
PADCONFIG13
0x000F4034
OSPI0_CSn2
0
O
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV4
Yes
PU/PD
LVCMOS
OSPI0_RESET_OUT1
2
O
GPIO0_13
7
IO
pad
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com