Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 261 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 261 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 257Page - Texas Instruments XAM2434...ALX Datasheet HTML 258Page - Texas Instruments XAM2434...ALX Datasheet HTML 259Page - Texas Instruments XAM2434...ALX Datasheet HTML 260Page - Texas Instruments XAM2434...ALX Datasheet HTML 261Page - Texas Instruments XAM2434...ALX Datasheet HTML 262Page - Texas Instruments XAM2434...ALX Datasheet HTML 263Page - Texas Instruments XAM2434...ALX Datasheet HTML 264Page - Texas Instruments XAM2434...ALX Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 280 page
background image
9.2.4 USB VBUS Design Guidelines
The USB 3.1 specification allows the VBUS voltage to be as high as 5.5 V for normal operation, and as high as
20 V when the Power Delivery addendum is supported. Some automotive applications require a max voltage to
be 30 V.
The device requires the VBUS signal voltage be scaled down using an external resistor divider (as shown in
the Figure 9-5), which limits the voltage applied to the actual device pin (USB0_VBUS). The tolerance of these
external resistors should be equal to or less than 1%, and the leakage current of Zener diode at 5 V should be
less than 100 nA.
Device
USBn_VBUS
J7ES_USB_VBUS_01
VSS
VSS
16.5 kΩ
1%
±
10 kΩ
1%
±
3.5 kΩ
1%
±
VBUS signal
(BZX84C6V8 or equivalent)
6.8V
Figure 9-5. USB VBUS Detect Voltage Divider / Clamp Circuit
The USB0_VBUS pin can be considered to be fail-safe because the external circuit in Figure 9-5 limits the input
current to the actual device pin in a case where VBUS is applied while the device is powered off.
9.2.5 System Power Supply Monitor Design Guidelines
The VMON_VSYS pin provides a way to monitor a system power supply. This system power supply is typically
a single pre-regulated power source for the entire system and can be connected to the VMON_VSYS pin via
and external resistor divider circuit. This system supply is monitored by comparing the external voltage divider
output voltage to an internal voltage reference, where a power fail event is triggered when the voltage applied
to VMON_VSYS drops below the internal reference voltage. The actual system power supply voltage trip point
is determined by the system designer when selecting component values used to implement the external resistor
voltage divider circuit.
When building the resistor divider circuit the designer must understand various factors which contribute to
variability in the system power supply monitor trip point. The first thing to consider is the initial accuracy of
the VMON_VSYS input threshold which has a nominal value of 0.45 V, with a variation of ±3%. Precision
1% resistors with similar thermal coefficient are recommended for implementing the resistor voltage divider.
This minimizes variability contributed by resistor value tolerances. Input leakage current associated with
VMON_VSYS must also be considered since any current flowing into the pin creates a loading error on the
voltage divider output. The VMON_VSYS input leakage current can be in the range of 10 nA to 2.5 µA when
applying 0.45 V.
Note
The resistor voltage divider shall be designed such that the output voltage never exceeds the
maximum value defined in the Recommended Operating Conditions section, during normal operating
conditions.
Figure 9-6 presents an example, where the system power supply is nominally 5 V and the maximum trigger
threshold is 5 V - 10%, or 4.5 V.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
261
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com