Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 113 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 113 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 109Page - Texas Instruments XAM2434...ALX Datasheet HTML 110Page - Texas Instruments XAM2434...ALX Datasheet HTML 111Page - Texas Instruments XAM2434...ALX Datasheet HTML 112Page - Texas Instruments XAM2434...ALX Datasheet HTML 113Page - Texas Instruments XAM2434...ALX Datasheet HTML 114Page - Texas Instruments XAM2434...ALX Datasheet HTML 115Page - Texas Instruments XAM2434...ALX Datasheet HTML 116Page - Texas Instruments XAM2434...ALX Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 280 page
background image
Table 6-87. Connectivity Requirements (ALX Package)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
B20
B6
MCU_SAFETY_ERRORn
TRSTn
Each of these balls must be connected to VSS through separate
external pull resistors to ensure these balls are held to a valid logic
low level if a PCB signal trace is connected and not actively driven
by an attached device. The internal pull-down can be used to hold a
valid logic low level if no PCB signal trace is connected to the ball.
C5
B3
A5
C17
C6
A3
B4
EMU0
EMU1
MCU_RESETz
RESET_REQz
TCK
TDI
TMS
Each of these balls must be connected to the corresponding power
supply(1) through separate external pull resistors to ensure these
balls are held to a valid logic high level if a PCB signal trace
is connected and not actively driven by an attached device. The
internal pull-up can be used to hold a valid logic high level if no PCB
signal trace is connected to the ball.
B16
B15
I2C0_SCL
I2C0_SDA
Each of these balls must be connected to the corresponding power
supply(1) through separate external pull resistors to ensure these
balls are held to a valid logic high level.
G17
H17
H21
F19
F21,
F20
H20
E21
G20
E20
VDDA_ADC
VDDA_ADC
ADC0_AIN0
ADC0_AIN1
ADC0_AIN2
ADC0_AIN3
ADC0_AIN4
ADC0_AIN5
ADC0_AIN6
ADC0_AIN7
If the entire ADC0 is not used, each of these balls must be
connected directly to VSS.
H21
F19
F21,
F20
H20
E21
G20
E20
ADC0_AIN0
ADC0_AIN1
ADC0_AIN2
ADC0_AIN3
ADC0_AIN4
ADC0_AIN5
ADC0_AIN6
ADC0_AIN7
Any unused ADC0_AIN[7:0] ball must be pulled to VSS through a
resistor or connected directly to VSS when VDDA_ADC is connected
to a power source.
K15
J17
VDDA_3P3_SDIO
CAP_VDDSHV_MMC1
If SDIO_LDO is not used to power VDDSHV5, each of these balls
must be connected directly to VSS.
V16
U15
U16
VDDA_0P85_USB0
VDDA_1P8_USB0
VDDA_3P3_USB0
If USB0 is not used, each of these balls must be connected directly
to VSS.
AA17
AA16
Y17
W17
V18
USB0_DM
USB0_DP
USB0_ID
USB0_RCALIB
USB0_VBUS
If USB0 is not used, leave unconnected.
Note: The USB0_RCALIB pin can only be left unconnected when
VDDA_0P85_USB0, VDDA_1P8_USB0, and VDDA_3P3_USB0
are connected to VSS. The USB0_RCALIB pin must be
connected to VSS through the appropriate external resistor when
VDDA_0P85_USB0, VDDA_1P8_USB0, and VDDA_3P3_USB0 are
connected to a power source.
G13
VMON_VSYS
If VMON_VSYS is not used, this ball must be connected directly to
VSS.
F14
E15
VMON_1P8_SOC
VMON_3P3_SOC
If VMON_1P8_SOC and VMON_3P3_SOC are not used to monitor
the SOC power rails, these balls must still be connected to their
respective 1.8-V and 3.3-V power rails.
(1)
To determine which power supply is associated with any IO, see POWER column of the Pin Attributes table.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com