Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 134 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 134 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 130Page - Texas Instruments XAM2434...ALX Datasheet HTML 131Page - Texas Instruments XAM2434...ALX Datasheet HTML 132Page - Texas Instruments XAM2434...ALX Datasheet HTML 133Page - Texas Instruments XAM2434...ALX Datasheet HTML 134Page - Texas Instruments XAM2434...ALX Datasheet HTML 135Page - Texas Instruments XAM2434...ALX Datasheet HTML 136Page - Texas Instruments XAM2434...ALX Datasheet HTML 137Page - Texas Instruments XAM2434...ALX Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 280 page
background image
7.10.2.2.2 Power-Down Sequencing
Figure 7-6 describes the device power-down sequencing.
AM243x_PWR_DWN
MCU_PORz
MCU_OSC0_XI, MCU_OSC0_XO
VSYS
VMON_VSYS
VSYS, VMON_VSYS
VPP
VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
(1)
(1)
(1)
(1)
(1)
VDDSHV4 , VDDSHV5 , VDDA_3P3_SDIO, VDDA_3P3_USB0,
(1)
(1)
VMON_3P3_SOC, VMON_3P3_MCU
VDDS_OSC, VDDSHV_MCU , VDDSHV0 , VDDSHV1 , VDDSHV2 , VDDSHV3 ,
(2)
(2)
(2)
(2)
(2)
VDDSHV4 , VDDSHV5 , VDDA_MCU, VDDA_ADC0, VDDA_PLL0, VDDA_PLL1,
(2)
(2)
VDDA_PLL2, VDDA_1P8_SERDES0, VDDA_1P8_USB0, VMON_1P8_MCU,
VMON_1P8_SOC, VDDA_TEMP0, VDDA_TEMP1, VDDS_MMC0
VDDS_DDR, VDDS_DDR_C
VDD_CORE, VDDR_CORE, VDDA_0P85_SERDES0_C,
VDDA_0P85_SERDES0, VDDA_0P85_USB0,
VDD_DLL_MMC0, VDD_MCU0
Hi-Z
Figure 7-6. Power-Down Sequencing
1. VDDSHV_MCU and VDDSHVx [x=0-5] when operating at 3.3V.
2. VDDSHV_MCU and VDDSHVx [x=0-5] when operating at 1.8V.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
134
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com