Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 156 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 156 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 152Page - Texas Instruments XAM2434...ALX Datasheet HTML 153Page - Texas Instruments XAM2434...ALX Datasheet HTML 154Page - Texas Instruments XAM2434...ALX Datasheet HTML 155Page - Texas Instruments XAM2434...ALX Datasheet HTML 156Page - Texas Instruments XAM2434...ALX Datasheet HTML 157Page - Texas Instruments XAM2434...ALX Datasheet HTML 158Page - Texas Instruments XAM2434...ALX Datasheet HTML 159Page - Texas Instruments XAM2434...ALX Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 280 page
background image
7.10.5.2 DDRSS
For more details about features and additional description information on the device (LP)DDR4 Memory
Interface, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Table 7-34 and Figure 7-28 present switching characteristics for DDRSS.
Table 7-34. DDRSS Switching Characteristics
see Figure 7-28
NO.
PARAMETER
DDR TYPE
MIN
MAX
UNIT
1
tc(DDR_CKP/
DDR_CKN)
Cycle time, DDR_CKP and DDR_CKN
LPDDR4
1.25(1)
20
ns
DDR4
1.25(1)
1.6
ns
(1)
Minimum DDR clock Cycle time will be limited based on the specific memory type (vendor) used in a system and by PCB
implementation. Refer to AM64x\AM243x DDR Board Design and Layout Guidelines for the proper PCB implementation to achieve
maximum DDR frequency.
DDR0_CKP
1
DDR0_CKN
Figure 7-28. DDRSS Switching Characteristics
For more information, see DDR Subsystem (DDRSS) section in Memory Controllers chapter in the device TRM.
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
156
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com