Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 192 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 192 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 188Page - Texas Instruments XAM2434...ALX Datasheet HTML 189Page - Texas Instruments XAM2434...ALX Datasheet HTML 190Page - Texas Instruments XAM2434...ALX Datasheet HTML 191Page - Texas Instruments XAM2434...ALX Datasheet HTML 192Page - Texas Instruments XAM2434...ALX Datasheet HTML 193Page - Texas Instruments XAM2434...ALX Datasheet HTML 194Page - Texas Instruments XAM2434...ALX Datasheet HTML 195Page - Texas Instruments XAM2434...ALX Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 280 page
background image
Table 7-63. MCSPI Switching Characteristics - Controller Mode
see Figure 7-55
NO.
PARAMETER
MIN
MAX
UNIT
SM1
tc(SPICLK)
Cycle time, SPIn_CLK
20
ns
SM2
tw(SPICLKL)
Pulse duration, SPIn_CLK low
0.5P - 1
(1)
ns
SM3
tw(SPICLKH)
Pulse duration, SPIn_CLK high
0.5P - 1
(1)
ns
SM6
td(SPICLK-PICO)
Delay time, SPIn_CLK active edge to SPIn_D[x]
-3
2.5
ns
SM7
td(CS-PICO)
Delay time, SPIn_CSi active edge to SPIn_D[x]
5
ns
SM8
td(CS-SPICLK)
Delay time, SPIn_CSi active to SPIn_CLK first edge
PHA = 0
B - 4
(3)
ns
PHA = 1
A - 4
(2)
ns
SM9
td(SPICLK-CS)
Delay time, SPIn_CLK last edge to SPIn_CSi inactive
PHA = 0
A - 4
(2)
ns
PHA = 1
B - 4
(3)
ns
(1)
P = SPI_CLK period in ns.
(2)
When P = 20.8 ns, A = (TCS + 1) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register. When P > 20.8 ns, A =
(TCS + 0.5) * Fratio * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register.
(3)
B = (TCS + .5) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register and Fratio = Even >= 2.
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
SPI_CS[i] (OUT)
SPI_SCLK (OUT)
SPI_SCLK (OUT)
SPI_D[x] (OUT)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit0
PHA=0
EPOL=1
POL=0
POL=1
PHA=1
EPOL=1
POL=0
POL=1
SM8
SM9
SM6
SM3
SM1
SM2
SM1
SM8
SM9
SM3
SM1
SM2
SM1
SM6
SM7
SM6
SM2
SM3
SM2
SM3
SM6
SM6
SM6
SPRSP08_TIMING_McSPI_01
Figure 7-55. MCSPI Controller Mode Transmit Timing
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
192
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com