Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 203 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 203 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 199Page - Texas Instruments XAM2434...ALX Datasheet HTML 200Page - Texas Instruments XAM2434...ALX Datasheet HTML 201Page - Texas Instruments XAM2434...ALX Datasheet HTML 202Page - Texas Instruments XAM2434...ALX Datasheet HTML 203Page - Texas Instruments XAM2434...ALX Datasheet HTML 204Page - Texas Instruments XAM2434...ALX Datasheet HTML 205Page - Texas Instruments XAM2434...ALX Datasheet HTML 206Page - Texas Instruments XAM2434...ALX Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 280 page
background image
7.10.5.12.2.1 Default Speed Mode
Table 7-77, Figure 7-65, Table 7-78, and Figure 7-66 present timing requirements and switching characteristics
for MMC1 – Default Speed Mode.
Table 7-77. Timing Requirements for MMC1 – Default Speed Mode
see Figure 7-65
NO.
MIN
MAX
UNIT
DS1
tsu(cmdV-clkH)
Setup time, MMC1_CMD valid before MMCi_CLK rising edge
2.55
ns
DS2
th(clkH-cmdV)
Hold time, MMC1_CMD valid after MMC1_CLK rising edge
19.67
ns
DS3
tsu(dV-clkH)
Setup time, MMC1_DAT[3:0] valid before MMC1_CLK rising edge
2.55
ns
DS4
th(clkH-dV)
Hold time, MMC1_DAT[3:0] valid after MMC1_CLK rising edge
19.67
ns
MMC[ ]_CLK
x
M
[ ]_
MC
CMD
x
MMC
DAT
[ ]_
[3:0]
x
DS1
DS2
DS3
DS4
Figure 7-65. MMC1 – Default Speed – Receive Mode
Table 7-78. Switching Characteristics for MMC1 – Default Speed Mode
see Figure 7-66
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC1_CLK
25
MHz
DS5
tc(clk)
Cycle time, MMC1_CLK
40
ns
DS6
tw(clkH)
Pulse duration, MMC1_CLK high
18.7
ns
DS7
tw(clkL)
Pulse duration, MMC1_CLK low
18.7
ns
DS8
td(clkL-cmdV)
Delay time, MMC1_CLK falling edge to MMC1_CMD transition
- 14.1
14.1
ns
DS9
td(clkL-dV)
Delay time, MMC1_CLK falling edge to MMC1_DAT[3:0] transition
- 14.1
14.1
ns
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ _
[3:0]
x]
D 5
S
D 7
S
D 8
S
D 9
S
DS6
Figure 7-66. MMC1 – Default Speed – Transmit Mode
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
203
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com