Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 223 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 223 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 219Page - Texas Instruments XAM2434...ALX Datasheet HTML 220Page - Texas Instruments XAM2434...ALX Datasheet HTML 221Page - Texas Instruments XAM2434...ALX Datasheet HTML 222Page - Texas Instruments XAM2434...ALX Datasheet HTML 223Page - Texas Instruments XAM2434...ALX Datasheet HTML 224Page - Texas Instruments XAM2434...ALX Datasheet HTML 225Page - Texas Instruments XAM2434...ALX Datasheet HTML 226Page - Texas Instruments XAM2434...ALX Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 280 page
background image
7.10.5.16 PRU_ICSSG
The device has integrated two identical Programmable Real-Time Unit Subsystem and Industrial Communication
Subsystems - Gigabit (PRU_ICSSG), PRU_ICSSG0 and PRU_ICSSG1. The programmable nature of the PRU
cores, along with their access to pins, events and all device resources, provides flexibility in implementing fast
real-time responses, specialized data handling operations, custom peripheral interfaces, and in offloading tasks
from the other processor cores in the device.
For more details about features and additional description information on the device PRU_ICSSG, see the
corresponding subsections within Signal Descriptions and Detailed Description sections.
Note
The PRU_ICSSG contains a second layer of multiplexing to enable additional functionality on the PRU
GPO and GPI signals. This internal wrapper multiplexing is described in the PRU_ICSSG chapter in
the device TRM.
7.10.5.16.1 PRU_ICSSG Programmable Real-Time Unit (PRU)
Note
The PRU_ICSSG PRU signals have different functionality depending on the mode of operation. The
signal naming in this section matches the naming used in the PRU Module Interface section in the
device TRM.
Table 7-106. PRU_ICSSG PRU Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
3
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
30
pF
7.10.5.16.1.1 PRU_ICSSG PRU Direct Output Mode Timing
Table 7-107. PRU_ICSSG PRU Switching Characteristics – Direct Output Mode
see Figure 7-90
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRDO1
tsk(GPO-GPO)
Skew, GPO to GPO
3
ns
GPO[n:0]
PRDO1
PRU_TIMING_02
A.
n in GPO[n:0] = 19.
Figure 7-90. PRU_ICSSG PRU Direct Output Timing
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
223
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com