Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2434...ALX Datasheet(PDF) 230 Page - Texas Instruments

Part # XAM2434...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2434...ALX Datasheet(HTML) 230 Page - Texas Instruments

Back Button XAM2434...ALX Datasheet HTML 226Page - Texas Instruments XAM2434...ALX Datasheet HTML 227Page - Texas Instruments XAM2434...ALX Datasheet HTML 228Page - Texas Instruments XAM2434...ALX Datasheet HTML 229Page - Texas Instruments XAM2434...ALX Datasheet HTML 230Page - Texas Instruments XAM2434...ALX Datasheet HTML 231Page - Texas Instruments XAM2434...ALX Datasheet HTML 232Page - Texas Instruments XAM2434...ALX Datasheet HTML 233Page - Texas Instruments XAM2434...ALX Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 280 page
background image
7.10.5.16.3 PRU_ICSSG Industrial Ethernet Peripheral (IEP)
Table 7-117. PRU_ICSSG IEP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
3
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
EDC_SYNC_OUTx
EDIO_OUTVALID
2
7
pF
EDIO_DATA_OUT
3
10
pF
7.10.5.16.3.1 PRU_ICSSG IEP Timing
Table 7-118. PRU_ICSSG IEP Timing Requirements – Input Validated with SYNC
see Figure 7-100
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRIEP1 tw(EDC_SYNC_OUTxL)
Pulse duration, EDC_SYNC_OUTx low
20P(1) - 2
ns
PRIEP2 tw(EDC_SYNC_OUTxH)
Pulse duration, EDC_SYNC_OUTx high
20P(1) - 2
ns
PRIEP3 tsu(EDIO_DATA_IN-
EDC_SYNC_OUTx)
Setup time, EDIO_DATA_IN valid before EDC_SYNC_OUTx active
edge
20
ns
PRIEP4 th(EDC_SYNC_OUTx-
EDIO_DATA_IN)
Hold time, EDIO_DATA_IN valid after EDC_SYNC_OUTx active
edge
20
ns
(1)
P = PRU_ICSSG IEP clock source period in ns.
EDC_SYNC_OUTx
PRIEP4
PRIEP2
PRIEP3
EDIO_DATA_IN[7:0]
PRU_IEP_TIMING_01
PRIEP1
Figure 7-100. PRU_ICSSG IEP SYNC Timing Requirements
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
230
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com