Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 252 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 252 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 248Page - Texas Instruments AM2432...ALV Datasheet HTML 249Page - Texas Instruments AM2432...ALV Datasheet HTML 250Page - Texas Instruments AM2432...ALV Datasheet HTML 251Page - Texas Instruments AM2432...ALV Datasheet HTML 252Page - Texas Instruments AM2432...ALV Datasheet HTML 253Page - Texas Instruments AM2432...ALV Datasheet HTML 254Page - Texas Instruments AM2432...ALV Datasheet HTML 255Page - Texas Instruments AM2432...ALV Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 280 page
background image
• Compliant with Philips I2C specification version 2.1
• Supported Speeds:
– Standard mode (up to 100 K bits/s)
– Fast mode (up to 400 K bits/s)
– High-speed mode (up to 3.4 M bits/s), I2C0 and MCU_I2C0 only
• Multi-controller transmitter and target receiver mode
• Multi-controller receiver and target transmitter mode
• Combined controller transmit/receive and receive/transmit modes
• 7-bit and 10-bit device addressing modes
• Built-in 32-byte FIFO for buffered read or write
• Programmable multi-target channel (responds to 4 separates addresses)
• Programmable clock generation
• Support for asynchronous wake-up
• One interrupt line
For more information, see Inter-Integrated Circuit (I2C) Interface section in Peripherals chapter in the device
TRM.
8.4.2.12 MCAN
The Controller Area Network (CAN) is a serial communications protocol which efficiently supports distributed
real-time control with a high level of security. CAN has high immunity to electrical interference and the ability
to self-diagnose and repair data errors. In a CAN network, many short messages are broadcast to the entire
network, which provides for data consistency in every node of the system.
The MCAN module supports both classic CAN and CAN FD (CAN with Flexible Data-Rate) specifications. CAN
FD feature allows high throughput and increased payload per data frame. The classic CAN and CAN FD devices
can coexist on the same network without any conflict.
The device supports 2 MCAN modules
For more information, see Modular Controller Area Network (MCAN) section in Peripherals chapter in the device
TRM.
8.4.2.13 MCRC Controller
VBUSM CRC controller is a module which is used to perform CRC (Cyclic Redundancy Check) to verify the
integrity of a memory system. A signature representing the contents of the memory is obtained when the
contents of the memory are read into MCRC Controller. The responsibility of MCRC controller is to calculate
the signature for a set of data and then compare the calculated signature value against a pre-determined good
signature value. MCRC controller provides four channels to perform CRC calculation on multiple memories in
parallel and can be used on any memory system. Channel 1 can also be put into data trace mode, where MCRC
controller compresses each data being read through CPU read data bus.
For more information, see MCRC Controller section in Interprocessor Communication chapter in the device
TRM.
8.4.2.14 MCSPI
The MCSPI module is a multichannel transmit/receive, controller/peripheral synchronous serial bus.
There are total of seven MCSPI modules in the device.
For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the
device TRM.
8.4.2.15 MMCSD
There are two Multi-Media Card/Secure Digital (MMCSD) modules inside the device - MMCSD0 and MMCSD1.
Each MMCSD module includes one MMCSD Host Controller, where MMCSD0 is associated with MMC0 and
MMCSD1 is associated with MMC1.
The MMCSD Host Controller supports:
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
252
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com