Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 254 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 254 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 250Page - Texas Instruments AM2432...ALV Datasheet HTML 251Page - Texas Instruments AM2432...ALV Datasheet HTML 252Page - Texas Instruments AM2432...ALV Datasheet HTML 253Page - Texas Instruments AM2432...ALV Datasheet HTML 254Page - Texas Instruments AM2432...ALV Datasheet HTML 255Page - Texas Instruments AM2432...ALV Datasheet HTML 256Page - Texas Instruments AM2432...ALV Datasheet HTML 257Page - Texas Instruments AM2432...ALV Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 280 page
background image
• 32 outbound address translation regions
• Precision time measurement (PTM)
For more information, see Peripheral Component Interconnect Express (PCIe) Subsystem section in Peripherals
chapter in the device TRM.
8.4.2.18 Serializer/Deserializer (SerDes) PHY
Integrated in the MAIN domain is one instance of high-speed differential interface implemented with Serializer/
Deserializer (SerDes) Multi-protocol Multi-link PHY with the following main blocks:
• Single-lane SerDes PHY with common module for peripheral and Tx clocking handling
• Physical coding sub-block for data translation from/to the parallel interface, as well as data encoding/
decoding and symbol alignment
• MUX module for device interface multiplexing into a single SerDes lane (Tx and Rx)
• A wrapper for sending control and reporting status signals from the SerDes and muxes
For more information, see Serializer/Deserializer (SerDes) section in Peripherals chapter in the device TRM.
8.4.2.19 Real Time Interrupt (RTI/WWDT)
This section describes the Real Time Interrupt (RTI) modules with Windowed Watchdog Timer (WWDT)
functionality for the device.
For more information, see Real Time Interrupt (RTI/WWDT) Module section in Peripherals chapter of the device
TRM.
8.4.2.20 Dual Mode Timer (DMTIMER)
The Dual Mode Timer (DMTIMER) module supports the following main features:
• Interrupts generated on overflow, compare, and capture events
• Free running 32-bit upward counter
• Supported operating modes:
– Compare and capture modes
– Auto-reload mode
– Start-stop mode
• Programmable divider clock source (2n with n=[0:8])
• Dedicated input trigger for capture mode, and dedicated output trigger/PWM (pulse width modulation) signal
• On the fly read/write register (while counting)
• Generate 1-ms tick with 32768-Hz functional clock
For more information, see Timers section in Peripherals chapter in the device TRM.
8.4.2.21 UART
The UART module supports the following main features:
• 16C750 compatibility
• Baud rate from 300 bps up to 12 Mbps (MCU_UART0 and MCU_UART1 limited to 3.7 Mbps)
• Auto-baud between 1200 bps and 115.2 Kbps
• Software/hardware flow control
– Programmable Xon/Xoff characters
– Programmable Auto-RTS and Auto CTS
• Programmable serial interface characteristics
– 5-, 6-, 7-, 8-bit characters
– Even, odd, mark (always 1), space (always 0), or no parity (non-parity bit frame) bit generation and
detection
– 1-, 1.5-, or 2-stop bit generation
• Optional multi-drop transmission
• Configurable time-guard feature
• False start bit detection
• Line break generation and detection
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
www.ti.com
254
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com