Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2432...ALV Datasheet(PDF) 253 Page - Texas Instruments

Part # AM2432...ALV
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2432...ALV Datasheet(HTML) 253 Page - Texas Instruments

Back Button AM2432...ALV Datasheet HTML 249Page - Texas Instruments AM2432...ALV Datasheet HTML 250Page - Texas Instruments AM2432...ALV Datasheet HTML 251Page - Texas Instruments AM2432...ALV Datasheet HTML 252Page - Texas Instruments AM2432...ALV Datasheet HTML 253Page - Texas Instruments AM2432...ALV Datasheet HTML 254Page - Texas Instruments AM2432...ALV Datasheet HTML 255Page - Texas Instruments AM2432...ALV Datasheet HTML 256Page - Texas Instruments AM2432...ALV Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 280 page
background image
• One controller with 8-bit wide data bus
• One controller with 4-bit wide data bus
• Support of eMMC5.1 Host Specification (JESD84-B51)
• Support of SD Host Controller Standard Specification - SDIO 3.00
• Integrated DMA controller supporting SD Advanced DMA - ADMA2 and ADMA3
• eMMC Electrical Standard 5.1 (JESD84-B51)
• Multi-Media card features:
– Backward compatible with earlier eMMC standards
– Legacy MMC SDR: 1.8 V, 8/4/1-bit bus width, 0-25 MHz, 25/12.5/3.125 MB/s
– High Speed SDR: 1.8 V, 8/4/1-bit bus width, 0-50 MHz, 50/25/6.25 MB/s
– High Speed DDR: 1.8 V, 8/4-bit bus width, 0-50 MHz, 100/50 MB/s
– HS200 SDR: 1.8 V, 0-200 MHz, 8/4-bit bus width, 200/100 MB/s
• SD card support: SDIO, SDR12, SDR25, SDR50, DDR50
• System bus interface: CBA 4.0 VBUSM initiator port with 64-bit data width and 64-bit address, little Endian
only
• Configuration bus interface: CBA 4.0 VBUSM with 32-bit data width, 32-bit aligned accesses only, linear
incrementing addressing mode, little Endian only
For more information, see Multi-Media Card/Secure Digital (MMCSD) Interface section in Peripherals chapter in
the device TRM.
8.4.2.16 OSPI
The Octal Serial Peripheral Interface (OSPI) module is a kind of Serial Peripheral Interface (SPI) module which
allows single, dual, quad or octal read and write access to external flash devices. This module has a memory
mapped register interface, which provides a direct memory interface for accessing data from external flash
devices, simplifying software requirements.
The OSPI module is used to transfer data, either in a memory mapped direct mode (for example a processor
wishing to execute code directly from external flash memory), or in an indirect mode where the module is
set-up to silently perform some requested operation, signaling its completion via interrupts or status registers.
For indirect operations, data is transferred between system memory and external flash memory via an internal
SRAM which is loaded for writes and unloaded for reads by a device controller at low latency system speeds.
Interrupts or status registers are used to identify the specific times at which this SRAM should be accessed using
user programmable configuration registers.
For more information, see Octal Serial Peripheral Interface (OSPI) section in Peripherals chapter in the device
TRM.
8.4.2.17 Peripheral Component Interconnect Express (PCIe)
The PCIe subsystem supports the following main features:
• Dual mode – root port (RP) or end point (EP) modes. Selectable through bootstrap pins.
• 1-lane configuration with up to 5.0GT/lane.
• 62.5/125 MHz operation on PIPE interface for Gen1/Gen2 respectively
• Constant 32-bit PIPE width for Gen1/Gen2 modes
• Maximum outbound payload size of 128 bytes
• Maximum inbound payload size of 128 bytes
• Maximum remote read request size of 4K bytes
• Maximum number of nonposted outstanding transactions: 8 on each VBUSM interface.
• Four virtual channels (4VC)
• Resizable BAR capability
• SRIS support
• Power Management
– L1 Power Management Substate support
– D1 support
– L1 Power Shutoff support
• Legacy, MSI, and MSI-X interrupt support
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
253
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com