Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 63 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 63 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 59Page - Microchip Technology MPFS250TLS Datasheet HTML 60Page - Microchip Technology MPFS250TLS Datasheet HTML 61Page - Microchip Technology MPFS250TLS Datasheet HTML 62Page - Microchip Technology MPFS250TLS Datasheet HTML 63Page - Microchip Technology MPFS250TLS Datasheet HTML 64Page - Microchip Technology MPFS250TLS Datasheet HTML 65Page - Microchip Technology MPFS250TLS Datasheet HTML 66Page - Microchip Technology MPFS250TLS Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
Forwarded
Clock-to-D-
ata Skew
–1 (Mbps)
STD (Mbps)
–1 (MHz)
STD (MHz)
I/O Type
Topology
Interface N-
ame
Parameter
From a HS_
IO_CLK
1000
800
500
400
GPIO
Tx DDR digi-
tal mode
for MIPI
TX_DDRX_
B_C_ MIPI
Output FMA-
X 4:1
clock
source, cen-
tered with
PLL
Table 69 • Programmable Delay
Unit
–1 Max
–1 Typ
–1 Min
STD Max
STD Typ
STD Min
Parameter
ps
29.5
25
12.7
35
30
12.7
In delay, out
delay, DLL
delay step
sizes
Note: Refer to Libero timing reports for configuration specific intrinsic and incremental delays.
Figure 3 • LVDS Jitter Tolerance Plot
Table 70 • I/O CDR Switching Characteristics
Jtolmin (UI)
Max Tx to Rx Fre-
quency Offset
(ppm)
Max Data Rate (M-
bps)
Min Data Rate (M-
bps)
I/O Configuration
Buffer Type
0.08
±200
1250
266
LVDS18
HSIO
1, 2
59
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com