Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 82 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 82 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 78Page - Microchip Technology MPFS250TLS Datasheet HTML 79Page - Microchip Technology MPFS250TLS Datasheet HTML 80Page - Microchip Technology MPFS250TLS Datasheet HTML 81Page - Microchip Technology MPFS250TLS Datasheet HTML 82Page - Microchip Technology MPFS250TLS Datasheet HTML 83Page - Microchip Technology MPFS250TLS Datasheet HTML 84Page - Microchip Technology MPFS250TLS Datasheet HTML 85Page - Microchip Technology MPFS250TLS Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
Condition
Unit
Max
Typ
Min
Symbol
Parameter
Data rate ≥10.3
125 to 12.7 G-
UI UI
0.28 0.1
TJ TDJ
Total jitter
5, 6, 13
Deterministic
jitter
5, 6
bps
9 (Tx V
CO
rate 5.16 GHz to
6.35 GHz)
TXPLL in fraction-
al mode
Data rate ≥8.5
Gbps to 10.3125
UI UI
0.22 0.09
TJ TDJ
Total jitter
5, 6, 13
Deterministic
jitter
5, 6
Gbps (Tx VCO
rate 4.25 GHz to
5.16 GHz)
TXPLL in integer
mode
Data rate ≥8.5
Gbps to 10.3125
UI UI
0.28 0.09
TJ TDJ
Total jitter
5, 6, 13
Deterministic
jitter
5, 6
Gbps (Tx VCO
rate 4.25 GHz to
5.16 GHz) TXPLL
in fractional
mode
Data rate ≥5.0
Gbps to 8.5 G-
UI
UI
0.21 0.09
TJ TDJ
Total jitter
5, 6, 13
Deterministic
jitter
5,6
bps (Tx VCO rate
2.5 GHz to 4.25
GHz)
TXPLL in integer
mode
Data rate ≥5.0
Gbps to 8.5 G-
UI UI
0.25 0.09
TJ TDJ
Total jitter
5, 6, 13
Deterministic
jitter
5, 6
bps (Tx VCO rate
2.5 GHz to 4.25
GHz)
TXPLL in fraction-
al mode
Data rate ≥1.6
Gbps to 5.0 G-
UI UI
0.17 0.03
TJ TDJ
Total jitter
5, 6, 13
Deterministic
jitter
5, 6
bps (Tx VCO rate
1.6 GHz to 2.5
GHz)
TXPLL in integer
mode
Data rate ≥1.6
Gbps to 5.0 G-
UI UI
0.2 0.03
TJ TDJ
Total jitter
5, 6, 13
Deterministic
jitter
5, 6
bps (Tx VCO rate
1.6 GHz to 2.5
GHz)
TXPLL in fraction-
al mode
Data rate ≥ 800
Mbps to 1.6 G-
UI UI
0.08 0.02
TJ TDJ
Total jitter
5, 6, 13
Deterministic
jitter
5, 6
78
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com