Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 94 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 94 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 90Page - Microchip Technology MPFS250TLS Datasheet HTML 91Page - Microchip Technology MPFS250TLS Datasheet HTML 92Page - Microchip Technology MPFS250TLS Datasheet HTML 93Page - Microchip Technology MPFS250TLS Datasheet HTML 94Page - Microchip Technology MPFS250TLS Datasheet HTML 95Page - Microchip Technology MPFS250TLS Datasheet HTML 96Page - Microchip Technology MPFS250TLS Datasheet HTML 97Page - Microchip Technology MPFS250TLS Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 128 page
background image
Unit
Max
Min
Condition
Data Rate
Parameter
UI
0.1
3 dB BW: 1 MHz to
20 MHz
UI
0.3
3 dB BW: 20 KHz to
80 MHz
10.70 Gbps
UI
0.1
3 dB BW: 4 MHz to
80 MHz
UI
0.3
3 dB BW: 20 KHz to
80 MHz
11.09 Gbps
1
UI
0.1
3 dB BW: 4 MHz to
80 MHz
UI
1.5
SJ at 5 KHz
2.66 Mbps
Receive jitter toler-
ance
UI
0.15
SJ at 20 MHz
UI
1.5
SJ at 20 KHz
10.70 Gbps
UI
0.15
SJ at 80 MHz
UI
1.5
SJ at 20 KHz
11.09 Gbps
1
UI
0.15
SJ at 80 MHz
1. For data rates greater than 10.3125 Gbps, VDDA must be set to 1.05 V mode. See supply tolerance in
the section Recommended Operating Conditions.
6.6.12
Fiber Channel
The following table describes Fiber Channel.
Table 110 • Fiber Channel
Unit
Max
Min
Condition
Data Rate
Parameter
UI
0.23
1.0625 Gbps
Total transmit jitter
UI
0.33
2.125 Gbps
UI
0.52
4.25 Gbps
UI
0.31
8.5 Gbps
UI
0.68
1.0625 Gbps
Receive jitter toler-
ance
UI
0.62
2.125 Gbps
UI
0.62
4.24 Gbps
UI
0.71
8.5 Gbps
90
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com