Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 84 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 84 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 80Page - Microchip Technology MPFS250TLS Datasheet HTML 81Page - Microchip Technology MPFS250TLS Datasheet HTML 82Page - Microchip Technology MPFS250TLS Datasheet HTML 83Page - Microchip Technology MPFS250TLS Datasheet HTML 84Page - Microchip Technology MPFS250TLS Datasheet HTML 85Page - Microchip Technology MPFS250TLS Datasheet HTML 86Page - Microchip Technology MPFS250TLS Datasheet HTML 87Page - Microchip Technology MPFS250TLS Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 128 page
background image
6.5.5
Receiver Performance
The following table describes performance of the receiver.
Table 91 • PolarFire SoC Transceiver Receiver Characteristics
Condition
Unit
Max
Typ
Min
Symbol
Parameter
V
VDDA + 0.3
0
VIN
Input voltage
range
mV
1250
140
VIDPP
Differential
peak-to-peak
amplitude
Ω
85
VITERM
Differential ter-
mination
Ω
100
Ω
150
DC coupled
V
0.9 × VDDA
0.7 × VDDA
VICMDC
1
Common mode
voltage
ns
100
50
TEIDET
Exit electrical
idle detection
time
UI
200
CID
Run length of
consecutive
identical digits
(CID)
%UI
1.17
CDRPPM
CDR PPM toler-
ance
2
Disabled: E-
nhanced Receiv-
CDRREFCLK cycles
1024 * CDRREFDI-
V
512 * CDRREFDIV
TLTD
CDR lock-to-da-
ta time
13
er Management
14
Enabled: E-
nhanced Receiv-
(5200/TCDRREF +
(1024 + (6380 *
(1900/TCDRREF +
(512 + (1020 *
er Management
14
(WXCVRFABRX/ CD-
RFBDIV)) * CDRRE-
FDIV)
(WXCVRFABRX/ CD-
RFBDIV)) * CDRRE-
FDIV)
CDRREFCLK cycles
(13000/TCDRREF)
+ (1536 * CDRRE-
FDIV)
(1000/TCDRREF) +
(1024 * CDRREFD-
IV)
TLTF
CDR lock-to-ref
time
13
For Burst mode
receiver (BMR)
ns
10.8
THGLT
High-gain lock
time
For Burst mode
receiver (BMR)
ns
3264
THGSTATE
High-gain state
time
12
Setting= 3
mV
295
145
VDETHIGH
Loss-of-signal
detect (peak de-
80
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com