Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 64 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 64 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 60Page - Microchip Technology MPFS250TLS Datasheet HTML 61Page - Microchip Technology MPFS250TLS Datasheet HTML 62Page - Microchip Technology MPFS250TLS Datasheet HTML 63Page - Microchip Technology MPFS250TLS Datasheet HTML 64Page - Microchip Technology MPFS250TLS Datasheet HTML 65Page - Microchip Technology MPFS250TLS Datasheet HTML 66Page - Microchip Technology MPFS250TLS Datasheet HTML 67Page - Microchip Technology MPFS250TLS Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
Jtolmin (UI)
Max Tx to Rx Fre-
quency Offset
(ppm)
Max Data Rate (M-
bps)
Min Data Rate (M-
bps)
I/O Configuration
Buffer Type
0.1
±100
1250
266
LVDS18
HSIO
1, 2
0.1
±100
1250
266
LVDS25
GPIO
1, 3
1. Jitter tolerance of applied sinusoidal jitter from 1 KHz to 120 MHz, as shown in figure LVDS Jitter Tolerance
Plot. It is measured in addition to a stressed eye of Tj= 0.24 UI with VICM of 1.25 V and VIDmin of 250 mV,
with the CDR operating at a rate of 1250 Mbps plus or minus the ppm offset listed.
2. HSIO LVDS uses an external 100 Ω differential termination resistor. For more information, see LVDS
specification in table Differential DC Input Levels.
3. GPIO LVDS uses an internal 100 Ω differential termination resistor. For more information, see LVDS
specification in table Differential DC Input Levels.
6.3
Clocking Specifications
This section describes the PLL and DLL clocking and oscillator specifications.
6.3.1
Clocking
The following table describes clocking specifications.
Table 71 • Global and Regional Clock Characteristics (–40 °C to 100 °C)
Condition
Unit
V DD = 1.05 V
–1
V DD = 1.05 V
STD
V DD = 1.0 V
–1
V DD= 1.0 V S-
TD
Symbol
Parameter
MHz
500
500
500
500
FMAXG
Global clock
FMAX
Transceiver
interfaces on-
ly
MHz
375
375
375
375
FMAXR
Regional
clock FMAX
All other inter-
faces
MHz
250
250
250
250
FMAXR
At 500 MHz
ps
190
190
190
190
TDCDG
Global clock
duty cycle dis-
tortion
At 250 MHz
ps
120
120
120
120
TDCDR
Regional
clock duty cy-
cle distortion
The following table describes clocking specifications from –40 °C to 100 °C.
Table 72 • High-Speed I/O Clock Characteristics (–40 °C to 100 °C)
Condition
Unit
VDD = 1.05 V
–1
VDD = 1.05 V
STD
VDD= 1.0 V –1
VDD= 1.0 V ST-
D
Symbol
Parameter
HSIO and GPI-
O
MHz
1250
1000
1250
1000
FMAXB
High-speed I/
O clock FMAX
60
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com