Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 100 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 100 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 96Page - Microchip Technology MPFS250TLS Datasheet HTML 97Page - Microchip Technology MPFS250TLS Datasheet HTML 98Page - Microchip Technology MPFS250TLS Datasheet HTML 99Page - Microchip Technology MPFS250TLS Datasheet HTML 100Page - Microchip Technology MPFS250TLS Datasheet HTML 101Page - Microchip Technology MPFS250TLS Datasheet HTML 102Page - Microchip Technology MPFS250TLS Datasheet HTML 103Page - Microchip Technology MPFS250TLS Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
Unit
Max
Typ
Devices
Parameter
μs
35
33.2
MPF200T, TL, TS, TLS
μs
35
33.2
MPF300T, TL, TS, TLS
μs
35
33.2
MPF500T, TL, TS, TLS
μs
511
494
MPF100T, TL, TS, TLS
Factory digest run time
μs
511
494
MPF200T, TL, TS, TLS
μs
511
494
MPF300T, TL, TS, TLS
μs
511
494
MPF500T, TL, TS, TLS
1. The entire sNVM is used as ROM.
2. Valid for user key 0 through 6.
Note: These times do not include the power-up to functional timing overhead when using digest checks on
power-up.
6.7.6
Zeroization Time
This section describes zeroization time. A zeroization operation counts as one programming cycle.
Table 123 • Zeroization Times for MPF100T, TL, TS, and TLS Devices
Conditions
Unit
Max
Typ
Parameter
Zip flag set
ms
9
8
Time to enter zeroiza-
tion
Data erased
ms
253
248
Time to destroy the
fabric data
1
One iteration of scrub-
bing
ms
522
507
Time to destroy data in
non-volatile memory
(like new)
1, 2
One iteration of scrub-
bing
ms
536
520
Time to destroy data in
non-volatile memory
(non-recoverable)
1, 3
Full scrubbing
s
0.9
0.8
Time to scrub the fabric
data
1
Full scrubbing
s
1.6
1.5
Time to scrub the pNV-
M data (like new)
1, 2
Full scrubbing
s
1.8
1.7
Time to scrub the fabric
data pNVM data (non-
recoverable)
1, 3
s
1.2
1.1
Time to verify
5
s
2.9
2.8
Total time to zeroize
(like new)
1, 2
96
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com