Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 75 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 75 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 71Page - Microchip Technology MPFS250TLS Datasheet HTML 72Page - Microchip Technology MPFS250TLS Datasheet HTML 73Page - Microchip Technology MPFS250TLS Datasheet HTML 74Page - Microchip Technology MPFS250TLS Datasheet HTML 75Page - Microchip Technology MPFS250TLS Datasheet HTML 76Page - Microchip Technology MPFS250TLS Datasheet HTML 77Page - Microchip Technology MPFS250TLS Datasheet HTML 78Page - Microchip Technology MPFS250TLS Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
Unit
–1 Max
–1 Typ
–1 Min
STD Max
STD Typ
STD Min
Symbol
Parameter
MHz
175
20
156
20
FTXREFCLKPFD
Reference
clock rate at
the Tx PLL
PFD
4
MHz
175
75
156
75
FTXREFCLKPFD-
10G
Reference
clock rate
recommend-
ed at the PF-
D for Tx
rates 10 G-
bps and
above
4
dBc/Hz
–110
–110
FTXREFPN
Tx refer-
ence clock
phase noise
require-
ments to
meet jitter
specifica-
tions (156
MHz clock
at reference
clock in-
put)
5
dBc/Hz
–110
–110
FTXREFPN
Phase noise
at 10 KHz
dBc/Hz
–115
–115
FTXREFPN
Phase noise
at 100 KHz
dBc/Hz
–135
–135
FTXREFPN
Phase noise
at 1 MHz
ps
500
200
500
200
TREFRISE
Reference
clock input
rise time (1
0%–90%)
ps
500
200
500
200
TREFFALL
Reference
clock input
fall time (90
%–10%)
MHz
156
20
156
20
FRXREFCLKCDR
Reference
clock rate at
RX CDR
%
60
40
60
40
TREFDUTY
Reference
clock duty
cycle
%
3.1
0.1
3.1
0.1
Mod_S-
pread
Spread
spectrum
modulation
spread
6
71
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com