Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 70 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 70 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 66Page - Microchip Technology MPFS250TLS Datasheet HTML 67Page - Microchip Technology MPFS250TLS Datasheet HTML 68Page - Microchip Technology MPFS250TLS Datasheet HTML 69Page - Microchip Technology MPFS250TLS Datasheet HTML 70Page - Microchip Technology MPFS250TLS Datasheet HTML 71Page - Microchip Technology MPFS250TLS Datasheet HTML 72Page - Microchip Technology MPFS250TLS Datasheet HTML 73Page - Microchip Technology MPFS250TLS Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 128 page
background image
Table 77 • 160 MHz RC Oscillator Electrical Characteristics
Unit
Max
Typ
Min
Symbol
Parameter
MHz
160
RCSCFREQ
Operating frequen-
cy
%
4
–4
RCSCFACC
Accuracy
%
52
47
RCSCDC
Duty cycle
ps
600
RCSCPJIT
Peak-to-peak out-
put period jitter
ps
172
RCSCCJIT
Peak-to-peak out-
put cycle-to-cycle
jitter
µA
599
RCSCVPPA
Operating current
(VDD25)
µA
0.1
RCSCVPP
Operating current
(VDD18)
µA
60.7
RCSCVDD
Operating current
(VDD)
6.4
Fabric Specifications
The following section describes specifications for the fabric.
6.4.1
Math Blocks
The following table lists the maximum operating frequency (FMAX) of the math block in the extended
commercial temperature range (0 °C to 100 °C).
Table 78 • Math Block Performance Extended Commercial Range (0 °C to 100 °C)
Unit
VDD = 1.05 V – 1
VDD = 1.05 V – STD
VDD = 1.0 V – 1
VDD = 1.0 V – STD
Modes
MHz
500
440
470
370
18 × 18 multiplica-
tion
MHz
500
440
470
370
18 × 18 multiplica-
tion summed with
48-bit input
MHz
500
435
465
365
18 × 19 multiplier
pre-adder ROM
mode
MHz
500
440
470
370
Two 9 × 9 multipli-
cation
MHz
500
440
470
370
9 × 9 dot product
(DOTP)
MHz
500
430
455
360
Complex 18 × 19
multiplication
66
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com