Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 110 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 110 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 106Page - Microchip Technology MPFS250TLS Datasheet HTML 107Page - Microchip Technology MPFS250TLS Datasheet HTML 108Page - Microchip Technology MPFS250TLS Datasheet HTML 109Page - Microchip Technology MPFS250TLS Datasheet HTML 110Page - Microchip Technology MPFS250TLS Datasheet HTML 111Page - Microchip Technology MPFS250TLS Datasheet HTML 112Page - Microchip Technology MPFS250TLS Datasheet HTML 113Page - Microchip Technology MPFS250TLS Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 128 page
background image
6.9.4
Tamper Detectors
The following section describes tamper detectors.
Table 137 • ADC Conversion Rate
Unit
Max
Typ
1
Min
Description
Parameter
μs
470
350
Time from enable
changing from zero
TCONV1
to non-zero value
to first conversion
completes. Mini-
mum value applies
when POWEROFF =
0.
μs
480
Time between sub-
sequent channel
conversions.
TCONVN
ns
0
Data channel and
output to valid as-
TSETUP
serted. Data is held
until next conver-
sion completes,
that is >480 μs.
μs
2.5
1.5
Width of the valid
pulse.
TVALID
2
μs
Rate × 32
Time from start of
first set of conver-
TRATE
sions to the start of
the next set. Can be
considered as the
conversion rate. Is
set by the conver-
sion rate parame-
ter.
1. Min, typ, and max refer to variation due to functional configuration and the raw TVS value. The actual
internal correction time will vary based on the raw TVS value.
2. The pulse width varies depending on the time taken to complete the internal calibration multiplication,
this can be up to 375 ns.
Note: Once the TVS block is active, the enable signal is sampled 25 ns before the falling edge of valid. The
next enabled channel in the sequence 0-1-2-3 is started; that is, if channel 0 has just completed and only
channels 0 and 3 are enabled, the next channel will be 3. When all the enabled channels in the sequence
0-1-2-3 are completed, the TVS waits for the conversion rate timer to expire. The enable signal may be
changed at any time if it changes to 4’b0000 while valid is asserted (and 25 ns before valid is de-asserted),
then no further conversions will be started.
Table 138 • Temperature and Voltage Sensor Electrical Characteristics
Condition
Unit
Max
Typ
Min
Parameter
°C
125
–40
Temperature sens-
ing range
106
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com