Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 115 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 115 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 111Page - Microchip Technology MPFS250TLS Datasheet HTML 112Page - Microchip Technology MPFS250TLS Datasheet HTML 113Page - Microchip Technology MPFS250TLS Datasheet HTML 114Page - Microchip Technology MPFS250TLS Datasheet HTML 115Page - Microchip Technology MPFS250TLS Datasheet HTML 116Page - Microchip Technology MPFS250TLS Datasheet HTML 117Page - Microchip Technology MPFS250TLS Datasheet HTML 118Page - Microchip Technology MPFS250TLS Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 128 page
background image
• If any of the I/O banks specified for auto-calibration do not have their VDDI/VDDAUX powered on
within the auto-calibration timeout window, then it will be approximately auto-calibrated whenever
VDDI/VDDAUX is subsequently powered on. To obtain an accurate calibration however, on such IO
banks, it is necessary to initiate a re-calibration (using CALIB_START from fabric).
• AVM_ACTIVE only asserts if avionics mode is being used. It is asserted when the later of
DEVICE_INIT_DONE or AUTOCALIB_DONE assert.
6.10.2
Warm Reset Initialization Sequence
The following warm reset timing diagram shows the initialization sequencing of the device when either
DEVRST_N or TAMPER_RESET_DEVICE signals are asserted.
Figure 9 • Warm Reset Timing
6.10.3
Power-On Reset Voltages
The following sections describe the power-on reset voltages.
6.10.3.1
Main Supplies
The start of power-up to functional time (TPUFT) is defined as the point at which the latest of the main
supplies (VDD, VDD18, VDD25) reach the reference voltage levels specified in the following table. This starts
the process of releasing the reset of the device and powering on the FPGA fabric and IOs.
Table 144 • POR Ref Voltages
Note
Power-On Reset Start Point (V)
Supply
Applies to both 1.0 V and 1.05 V opera-
tion.
0.95
VDD
1.71
VDD18
2.25
VDD25
6.10.3.2
I/O-Related Supplies
For the I/Os to become functional (for low speed, sub-400 MHz operation), the (per-bank) I/O supplies
(VDDI, VDDAUX) must reach the trip point voltage levels specified in the following table and the main
supplies above must also be powered on.
111
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com