Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS Datasheet(PDF) 126 Page - Microchip Technology

Part # MPFS250TLS
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 126 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 120Page - Microchip Technology MPFS250TLS Datasheet HTML 121Page - Microchip Technology MPFS250TLS Datasheet HTML 122Page - Microchip Technology MPFS250TLS Datasheet HTML 123Page - Microchip Technology MPFS250TLS Datasheet HTML 124Page - Microchip Technology MPFS250TLS Datasheet HTML 125Page - Microchip Technology MPFS250TLS Datasheet HTML 126Page - Microchip Technology MPFS250TLS Datasheet HTML 127Page - Microchip Technology MPFS250TLS Datasheet HTML 128Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
CAL Delay In CPU Clock-Cycles
Athena TeraFire Crypto Core
Clock-Cycles
Message Size (Bits)
Modes
13622
148092303
1024
SigGen, RSA-3072/SHA-384, P-
KCS #1, V 1.5
13622
148102319
8K
11769
970959
1024
SigVer, RSA-3072/SHA-384, e
= 65537, PKCS #1 V 1.5
11769
981755
8K
8490
443593
1024
SigVer, RSA-2048/SHA-256, e
= 65537, PKCS #1 V 1.5
8443
452751
8K
13624
147143879
1024
SigGen, RSA-3072/SHA-384, A-
NSI X9.31
13417
147153109
8K
11268
972788
1024
SigVer, RSA-3072/SHA-384, e
= 65537, ANSI X9.31
11215
983643
8K
1. With DPA counter measures.
Table 165 • FFC (DH)
CAL Delay In CPU Clock-Cycles
Athena TeraFire Crypto Core
Clock-Cycles
Message Size (Bits)
Modes
13271
27932434
1024
SigGen, DSA-3072/SHA-384
1
13166
27946636
8K
13028
12086324
1024
SigGen, DSA-3072/SHA-384
12862
12097138
8K
14689
24711796
1024
SigVer, DSA-3072/SHA-384
14689
24418930
8K
10717
9673222
1024
SigVer, DSA-2048/SHA-256
10717
9803028
8K
9519
4920705
Key Agreement (KAS), DH-307
2 (p=3072,security=256)
9495
78871914
Key Agreement (KAS), DH-307
2 (p=3072,security=256)
1
1. With DPA counter measures.
122
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com