Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 18 Page - ams AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Datasheet(HTML) 18 Page - ams AG

Back Button AS7421 Datasheet HTML 14Page - ams AG AS7421 Datasheet HTML 15Page - ams AG AS7421 Datasheet HTML 16Page - ams AG AS7421 Datasheet HTML 17Page - ams AG AS7421 Datasheet HTML 18Page - ams AG AS7421 Datasheet HTML 19Page - ams AG AS7421 Datasheet HTML 20Page - ams AG AS7421 Datasheet HTML 21Page - ams AG AS7421 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Document Feedback
AS7421
Functional Description
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 17
7.1
Device Architecture
The device features 64 photo diodes (8x8 array) with on chip Fabry-Perot filters. 61 photodiodes have
an individual spectral response in the wavelength range from 750-1050 nm. The four corner
photodiodes (indicated in the block diagram below with grey shading) share the same filter response
of 830 nm. Sixteen dedicated 16-bit ADCs with adjustable gain and integration time are available and
can be configured with the serial interface. The gain of each ADC can be adjusted independently.
Once a spectral measurement is started, the device automatically runs four full integration cycles to
obtain spectral data of all 64 channels. The spectral data (128 bytes) is stored on chip and can be
read out using the I2C interface burst mode after the four cycles have been finished.
The GPIO can be used to trigger and synchronize a spectral measurement with an external MCU or
as additional interrupt output. The pin RST acts as reset input and is active high.
Figure 13:
Simplified Block Diagram of AS7421
NIR LEDs
LED
Driver
CH0 ADC
CH1 ADC
CH2 ADC
CH3 ADC
CH14 ADC
CH15 ADC
CH0 Data
CH1 Data
CH2 Data
CH3 Data
CH62 Data
CH63 Data
GPIO
VDD
I2C
Interface
SCL
SDA
interrupt
handling
INT
GND
OTP
8x8 photo diode array
CH12 ADC
CH13 ADC
CH60 Data
CH61 Data
16 x 16bit ADC w. adjustable gain
CH0 Gain
CH1 Gain
CH2 Gain
CH3 Gain
CH14 Gain
CH15 Gain
CH12 Gain
CH13 Gain
LED A
RST
RC
OSC
REG.
BANK
GPIO
PGND
TEMP
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com