Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 20 Page - ams AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Datasheet(HTML) 20 Page - ams AG

Back Button AS7421 Datasheet HTML 16Page - ams AG AS7421 Datasheet HTML 17Page - ams AG AS7421 Datasheet HTML 18Page - ams AG AS7421 Datasheet HTML 19Page - ams AG AS7421 Datasheet HTML 20Page - ams AG AS7421 Datasheet HTML 21Page - ams AG AS7421 Datasheet HTML 22Page - ams AG AS7421 Datasheet HTML 23Page - ams AG AS7421 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Document Feedback
AS7421
Functional Description
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 19
7.5
Typical Measurement Cycle
Figure 15:
Measurement C
ycle with LED_WAIT_OFF = “1”
Figure 16:
Measurement C
ycle with LED_WAIT_OFF = “0”
Figure 17:
Measurement State Explanation
led_wait_off = 1'b1
Cycle
State
LED_ON
tLED_ON
WaitM
A
Idle
AZ
Cfg
Integration
Str
Mv
B
C
D
optional - depending on the value LTF_CYCLE in the register CFG_LTF (0x67)
Integration
Str
Cfg
Integration
Str
Cfg
Integration
Str
AZ
Cfg
A
Cfg
WaitC
WaitC
WaitC
AZ
AZ
AZ
tLED_ON
AZ
Cfg
led_wait_off = 1'b0
Cycle
State
LED_ON
tLED_ON
tLED_ON
tLED_ON
tLED_ON
WaitM
A
Idle
AZ
Cfg
Integration
Str
Mv
B
C
D
optional - depending on the value LTF_CYCLE in the register CFG_LTF (0x67)
Integration
Str
Cfg
Integration
Str
Cfg
Integration
Str
AZ
Cfg
A
Cfg
WaitC
WaitC
WaitC
AZ
AZ
AZ
AZ
Cfg
tLED_ON
AZ
Cfg
Integration
Str
Mv
WaitC
AutoZero ...
Configuration ...
Integration cycle
Store ...
Move ...
Wait Cycle ...
Offset compensation of ADCs
Set the ASETUP and SMUX values for the integration cycle
Store the 16 x 16bit ADC data in the internal RAM
Provision of a new memory area in the internal RAM for the next measurement
Waiting time between integration cycles within a measurement (can optionally be switched on or off)
Programable with registers LTF_WTIME (0x64 – 0x67)
WaitM
Wait
Measurement ...
Waiting time between the provision of a new memory area and the automatic start of the next measurement
Programable with registers LTF_WTIME (0x64 – 0x67)
Programable with register LTF_ITIME (0x61 – 0x63)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com