Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 21 Page - ams AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Datasheet(HTML) 21 Page - ams AG

Back Button AS7421 Datasheet HTML 17Page - ams AG AS7421 Datasheet HTML 18Page - ams AG AS7421 Datasheet HTML 19Page - ams AG AS7421 Datasheet HTML 20Page - ams AG AS7421 Datasheet HTML 21Page - ams AG AS7421 Datasheet HTML 22Page - ams AG AS7421 Datasheet HTML 23Page - ams AG AS7421 Datasheet HTML 24Page - ams AG AS7421 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Document Feedback
AS7421
Functional Description
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 20
7.6
LED Driver
Four current sinks are provided to drive the 4 integrated NIR LEDs with a programmable constant
current of 50 mA or 75 mA per channel. If a measurement is done with 4 x 75 mA ILED the next
measurement can be started after a timeout of 10 seconds.
The LED driver can be configured with the register CFG_LED. With the bits
“LED_AUTO” in register
0x60 it is possible that the LED driver is configured in such a way that during two consecutive spectral
measurements the LEDs are turned on in the first and turned off in the second measurement or vice
versa. The example below shows how the device needs to be configured to turn on all LEDs for
integration cycle A to D.
Figure 18:
LED Configuration Example
– All LEDs On During Integration
LED cycle A
Reg CFG_LED; Bit LED_OFFSET = 0
Reg CFG_MULT = 0x1F
LED cycle B
Reg CFG_LED; Bit LED_OFFSET = 1
Reg CFG_MULT = 0x1F
LED cycle C
Reg CFG_LED; Bit LED_OFFSET = 2
Reg CFG_MULT = 0x1F
LED cycle D
Reg CFG_LED; Bit LED_OFFSET = 3
Reg CFG_MULT = 0x1F
SLEEP
IDD = 2µA (typ)
Reg 0x60 bit
PON = 1"
ACTIVE
Spectral measurement
IDD = 2.5mA (typ)
Reg 0x60
Bit LED_AUTO = 11" ; LTF_EN = 1"
PON = 1"
LED current
Reg CFG_LED; Bit LED_CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com