Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 43 Page - ams AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Datasheet(HTML) 43 Page - ams AG

Back Button AS7421 Datasheet HTML 39Page - ams AG AS7421 Datasheet HTML 40Page - ams AG AS7421 Datasheet HTML 41Page - ams AG AS7421 Datasheet HTML 42Page - ams AG AS7421 Datasheet HTML 43Page - ams AG AS7421 Datasheet HTML 44Page - ams AG AS7421 Datasheet HTML 45Page - ams AG AS7421 Datasheet HTML 46Page - ams AG AS7421 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 42
Addr: 0x77
STATUS_7
Bit
Bit Name
Default
Access
Bit Description
2
TSD
0
RO
Detecting a temperature shutdown
1
AZ
0
RO
End of autozero
0
ADATA
0
RO
End of measurement. New measurement data can be
read.
10.2.21
TEMP Register (Address 0x78
– 0x7F)
The temperature channel data is stored as 16-bit of data spread across two registers.
Before reading the temperature data of the last measurement, register STATUS 7 has to be read first.
Figure 51:
TEMP0_L Register
Addr: 0x78
TEMP0_L
Bit
Bit Name
Default
Access
Bit Description
7:0
TEMP0
0
RO
Low byte of temperature integration cycle A
Figure 52:
TEMP0_H Register
Addr: 0x79
TEMP0_H
Bit
Bit Name
Default
Access
Bit Description
15:8
TEMP0
0
RO
High byte of temperature integration cycle A
Figure 53:
TEMP1_L Register
Addr: 0x7A
TEMP1_L
Bit
Bit Name
Default
Access
Bit Description
7:0
TEMP1
0
RO
Low byte of temperature integration cycle B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com