Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 37 Page - ams AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Datasheet(HTML) 37 Page - ams AG

Back Button AS7421 Datasheet HTML 33Page - ams AG AS7421 Datasheet HTML 34Page - ams AG AS7421 Datasheet HTML 35Page - ams AG AS7421 Datasheet HTML 36Page - ams AG AS7421 Datasheet HTML 37Page - ams AG AS7421 Datasheet HTML 38Page - ams AG AS7421 Datasheet HTML 39Page - ams AG AS7421 Datasheet HTML 40Page - ams AG AS7421 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 36
10.2.7
CFG_MISC Register (Address 0x38)
Figure 37:
CFG_MISC Register
Addr: 0x38
CFG_MISC
Bit
Bit Name
Default
Access
Bit Description
2
LED_WAIT_OFF
0
RW
LED waiting time
1: Disable the LED waiting time between integration
cycle A to D
1
WAIT_CYCLE_ON
0
RW
LTF waiting time
1: Enable the waiting time between integration cycle A
to D (programmable with LTF_WTIME)
0
SW_RST
0
SC
Software reset
1: Reset to default status as after power on reset or
reset via pin RST.
10.2.8
CFG_LED_MULT Register (Address 0x39)
Figure 38:
CFG_LED_MULT Register
Addr: 0x39
CFG_LED_MULT
Bit
Bit Name
Default
Access
Bit Description
4:0
LED_MULT
0
RW
Defines which LED is turned on per integration
cycle A to D.
0x1F: All LEDs on per integration cycle
Other: Reserved
Note: LED_OFFSET needs to be set first, after that
LED_MULT needs to be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com