Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 25 Page - ams AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Datasheet(HTML) 25 Page - ams AG

Back Button AS7421 Datasheet HTML 21Page - ams AG AS7421 Datasheet HTML 22Page - ams AG AS7421 Datasheet HTML 23Page - ams AG AS7421 Datasheet HTML 24Page - ams AG AS7421 Datasheet HTML 25Page - ams AG AS7421 Datasheet HTML 26Page - ams AG AS7421 Datasheet HTML 27Page - ams AG AS7421 Datasheet HTML 28Page - ams AG AS7421 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
Document Feedback
AS7421
I²C Interface
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 24
9.3
I²C Read Transaction
A Read transaction consists of a START, CHIP-ADDRESSWRITE, REGISTER-ADDRESS,
RESTART, CHIP-ADDRESSREAD, DATA BYTE(S), and STOP. Following all but the final byte the
master places an ACK on the bus (9TH clock pulse). Termination of the Read transaction is indicated
by a NACK being placed on the bus by the master, followed by STOP.
Figure 23:
I2C Read
9.4
Timing Characteristics
Figure 24:
I²C Timing Characteristics
Symbol
Parameter
Min
Max
Unit
fSCL
I²C clock frequency
400
kHz
tBUF
Bus free time between start and stop condition
1.3
µs
tHS;STA
Hold time after (repeated) start condition. After this
period, the first clock is generated.
0.6
µs
tSU;STA
Repeated start condition setup time
0.6
µs
tSU;STO
Stop condition setup time
0.6
µs
tLOW
SCL clock low period
1.3
µs
tHIGH
SCL clock high period
0.6
µs
tHD;DAT
Data hold time
60
ns
tSU;DAT
Data setup time
100
ns
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
A
DW
S
WA
A Sr
P
DR
A
data
N
RA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com