Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 36 Page - ams AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Datasheet(HTML) 36 Page - ams AG

Back Button AS7421 Datasheet HTML 32Page - ams AG AS7421 Datasheet HTML 33Page - ams AG AS7421 Datasheet HTML 34Page - ams AG AS7421 Datasheet HTML 35Page - ams AG AS7421 Datasheet HTML 36Page - ams AG AS7421 Datasheet HTML 37Page - ams AG AS7421 Datasheet HTML 38Page - ams AG AS7421 Datasheet HTML 39Page - ams AG AS7421 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 35
10.2.5
CFG_LED Register (Address 0x68)
Figure 35:
CFG_LED Register
Addr: 0x68
CFG_LED
Bit
Bit Name
Default
Access
Bit Description
7
SET_LED_ON
0
RW
LED enable
0: LED disabled
1: Enable LED permanently
Note: can only be enabled if PON = “1”. Bit is
automatically cleared with PON = “0”.
6
LED_OFF_EN
0
RW
LED off during modulation
0: Normal mode
1: LED is turned off during modulation if LTF_MODE is
set to “10” (one integration before modulation)
5:4
LED_OFFSET
00
RW
Offset address for programming the values for
LED_MULT. Access succeeded via the address
CFG_LED_MULT.
00: LED_MULT_0 for integration cycle A
01: LED_MULT_1 for integration cycle B
10: LED_MULT_2 for integration cycle C
11: LED_MULT_3 for integration cycle D
2:0
LED_CURRENT
000
RW
LED current configuration per LED driver
000: 50 mA
001: 75 mA
Others: Reserved
10.2.6
LTF_ICOUNT Register (Address 0x69)
Figure 36:
LTF_ICOUNT Register
Addr: 0x69
LTF_ ICOUNT
Bit
Bit Name
Default
Access
Bit Description
7:0
LTF_ICOUNT
0
RW
Number of spectral measurements
0x00: No measurement
0xFF: 255 measurements in continuous mode
Others: Number of measurements. After every
measurement, LTF_ON is set to “0” internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com