Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 32 Page - ams AG

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7421 Datasheet(HTML) 32 Page - ams AG

Back Button AS7421 Datasheet HTML 28Page - ams AG AS7421 Datasheet HTML 29Page - ams AG AS7421 Datasheet HTML 30Page - ams AG AS7421 Datasheet HTML 31Page - ams AG AS7421 Datasheet HTML 32Page - ams AG AS7421 Datasheet HTML 33Page - ams AG AS7421 Datasheet HTML 34Page - ams AG AS7421 Datasheet HTML 35Page - ams AG AS7421 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v1-00 • 2022-Aug-25
52
│ 31
10.2
Detailed Register Description
Explanation of abbreviation:
●
RW = read or write
●
RO = read only
●
W = write only
●
SC = self-clearing after access
10.2.1
ENABLE Register (Address 0x60)
Figure 27:
ENABLE Register
Addr: 0x60
ENABLE
Bit
Bit Name
Default
Access
Bit Description
7:6
LTF_MODE
00
RW
LTF mode
00: Normal operation
01: Reserved
10: Reserved
11: Reserved
5:4
LED_AUTO
00
RW
Controls NIR light source during spectral
measurement
00: LEDs OFF
01: First measurement OFF / second measurement ON
10: First measurement ON / second measurement OFF
11: LEDs ON
3
SYNC_EN
0
RW
Synchronization enable
0: Spectral measurement started with bit LTF_EN
1: Spectral measurement synchronized with signal
applied to pin GPIO. GPIO needs to be configured as
input in register CFG_GPIO.
2
TSD_EN
0
RW
Automatic power down by temperature
measurement
0: OFF
1: ON
1
LTF_EN
0
RW
LTF enable
0: Spectral measurement disabled
1: Spectral measurement enabled
0
PON
0
RW
Power ON
0: Internal oscillator disabled
– device enter
1: Internal oscillator enabled
– device enter idle state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com